Electronic Components Datasheet Search
  English  ▼

X  

33902 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 33902
Description  High Speed CAN Interface with Embedded 5.0 V Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33902 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 33902 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
33902
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
communication, and thus a proper failure identification
(requires 5 pulses on TXD). The bus dominant clamp circuit
will help to determine such failure situation.
RX Permanent Recessive Failure
The aim of this detection is to diagnose an external
hardware failure at the RX output pin and ensure that a
permanent failure at RX does not disturb the network
communication. If RX is shorted to a logic high signal, the
CAN protocol module within the MCU will not recognize any
incoming message. In addition it will not be able to easily
distinguish the bus idle state and can start communication at
any time. In order to prevent this, an RX failure detection is
necessary.
Figure 15. RX Path Simplified Schematic, Rx Short to VDD Detection
Implementation for Detection
The proposed implementation is to sense the RXD output
voltage at each low to high transition of the differential
receiver. Excluding the internal propagation delay, the RXD
output should be low when the differential receiver is low. In
case of an external short to VDD at the RXD output, RXD will
be tied to a high level and can be detected at the next low to
high transition of the differential receiver.
As soon as the RXD permanent recessive is detected, the
RXD driver is deactivated.
Once the error is detected, the flag is latched and the
driver is disabled. The error is reported at ERR pin and via
P_SPI.
Recovery Condition
The internal recovery is done by sampling a correct low
level at the Bus as shown in Figure 16.
Figure 16. RX Path Simplified Schematic, Rx Short to VDD Detection
CANH
CANL
Diff
VDD
Rxsense
RX driver
RXD
TXD
TX driver
60
VIO
Logic
Diag
CANL&H
Diff output
RXD output
RX short to VDD
Prop delay
RX flag
RX flag latched
VIO/2
Sampling
Sampling
The RX flag is not the RXPR bit in the LPC register, and neither is the CANF in the INTR register.
CANL&H
Diff output
RXD output
Rx short to VDD
RX flag (internal signal)
Rx flag latched
Sampling
Sampling
Rx no longer shorted to VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com