Electronic Components Datasheet Search
  English  ▼

X  

33902 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 33902
Description  High Speed CAN Interface with Embedded 5.0 V Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33902 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 33902 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
33902
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 9. VDD Low Illustration
Table 5. Functional Table
STBY
EN
Mode
VDD
INH
RXD
CAN
ERR (active low)
0
0
Standby
ON (8)
High
Active LOW:
report wake-up event (9)
Terminated to GND
Active LOW:
report wake-up event (9)
0
0
Sleep
OFF
HZ
0
1
Go to sleep
ON
High
1
0
Listen Only
ON
High
High: recessive state
Low: dominant state
Receiver: ON
Driver: OFF
•Report local failure, VDD
low, Bat fail
1
1
Normal
ON
High
Driver and
Receiver: ON
•wake-up source (10)
•BUS failures, VDD low
Notes
8.
With limited current capability, in order to maintain the capacitor at VDD pin charged
9.
Provided if VIO > 2.5 V.
10.
Before 4th TX pulse rising edge
VSUP
~3.0 V
5.0 V
5.0 V
VDD
VDD_low
CAN driver disabled
10 ms
ERR(1)
4.25 V
5.0 V
VDD
VDD_low
CAN driver disable
10 ms
ERR(1)
4.25 V
VDD disabled
50 ms
Normal or Listen Only
Normal or Listen Only
2
VDD overload condition
Start
End
CAN driver enabled
VDD re-enabled
MODE
VDD low illustration, VSUP > VSUP low (VSUP > 5.8 V)
VDD low illustration, cranking pulse VSUP < VSUP low (VSUP < 5.8 V) and CRANK bit low in P_SPI register.
EN, STBY, VIO high
4.25 V
4.25 V
1) See figure on ERR reporting
2) VDD is re enabled when VSUP recovers (VSUP low flag goes from H to L) or by a mode change via EN and STBY input.
VDD re-enabled (2)
VDD disabled (3)
50 ms
VSUP_low
5.8 V
VSUP_low
5.8 V
3) Capacitor charged maintained by internal device current source
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com