Electronic Components Datasheet Search
  English  ▼

X  

33902 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 33902
Description  High Speed CAN Interface with Embedded 5.0 V Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33902 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 33902 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
33902
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Termination
The device supports the two main types of bus
terminations:
• Differential termination resistors between CANH and
CANL lines
• Split termination concept, with the mid point of the differen-
tial termination connected to GND through a capacitor,
and to the SPLIT pin
• Refer to Typical Application and Bus Termination Options
and WAKE Pin Configuration on page 27
Low Power Mode
In low power mode, the CAN is internally supplied from the
VSUP pin.
In low power mode, the CANH and CANL drivers are
disabled, and the receiver is also disabled. CANH and CANL
have a typical 40 k
Ω impedance to GND. The wake-up
receiver can be activated if wake-up is enabled by the P_SPI
command. The SPLIT pin is high-impedance.
When the device is set back into Normal mode, CANH and
CANL are set back into the recessive level. This is illustrated
in the following diagram.
.
Figure 12. Bus Signal in Normal and Low Power Mode
Wake-up
When the CAN interface is in Sleep mode with wake-up
enabled, the CAN bus traffic is detected. The CAN bus wake-
up signal is a pattern wake-up. CAN wake-up cannot be
disabled.
CAN Wake-up Report
The CAN wake reports depend upon the low power mode
selected, Sleep or Standby. In Sleep mode, the INH pin is
activated. In Standby mode, the VIO voltage is present and
the wake-up is reported by the ERR and RXD pin low level.
Ref to Table 5.
Pattern Wake-up
In order to wake-up the CAN interface, the wake-up
receiver must receive a series of 3 consecutive valid
dominant pulses. This is the default setting in which the CAN
WU-pattern bit is set low. CAN WU-pattern bit can be set high
by P_SPI, and the wake up will occur after a single pulse
duration of a minimum of 4.0
μs.
A valid dominant pulse should be longer than tPWIDTH. The
3 pulses should occur in a time frame of 120
μs to be
considered valid. When 3 pulses pass these criteria the wake
signal is detected. This is illustrated in Figure 13.
.
Figure 13. Pattern Wake-up
CANL
CANH
TXD
RXD
2.5 V
CANL-DOM
CANH-DOM
CANL/CANH-REC
2.5 V
High ohmic t termination (50kohms) to GND
SPLIT
Dominant state
Recessive state
MC33902: bus driver
MC33902: receiver
(bus dominant set by other IC)
High-impedance
Normal or Listen Only mode
Normal or Listen Only mode
Go to Sleep,
CANH-CANL
Sleep or Standby mode
Incoming CAN Message
CANL
CANH
Internal wake-up signal
min
tPWIDTH
Dominant
Internal differential wake-up
receiver signal
max 120
μs
CAN bus
Pulse # 1
Dominant
Pulse # 2
Dominant
Pulse # 3
Dominant
Pulse # 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com