Electronic Components Datasheet Search
  English  ▼

X  

33902 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33902
Description  High Speed CAN Interface with Embedded 5.0 V Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33902 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33902 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33902
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
DEVICE STATE DESCRIPTION
STANDBY MODE
Standby mode is a reduced current consumption mode.
CANH and CANL lines are terminated to GND, the SPLIT pin
is high-impedance. In order to monitor bus activities, the CAN
wake-up receiver is ON, INH output remains ON. The voltage
on VIO should be maintained.
The VDD regulator is ON with limited current capability, in
order to maintain the capacitor at VDD charged and allow a
fast transition to Normal mode and fast CAN communication.
Wake-up events occurring on the CAN bus or on the
WAKE pin are reported by a low level of the ERR and RXD
pins. The Standby mode is also the first mode entered after a
device power up. In this case, the VDD regulator is activated
to charge the VDD capacitor, and then the regulator enters the
reduced current capability mode, in order to optimize and
reduce system current consumption. Depending upon the
VDD capacitor ‘s Equivalent Series Resistance (ESR), a
voltage drop can be observed. See Figure 10.
Figure 10. VDD Regulator Start-up
NORMAL MODE
In Normal mode, both the CAN driver and receiver are ON.
In this mode, the CAN bus is controlled by the TXD pin level,
and the CAN bus state is reported on the RXD pin.
The VDD regulator is ON. It supplies the CAN driver and
receiver.The SPLIT pin is active and a 2.5 V biasing is
provided on the SPLIT output pin.
In Normal mode, the ERR pin reports the wake-up source
and the bus failure, after 4 TXD pulses. Normal mode is
entered by setting the EN and STBY pins high. Entering
Normal mode will clear the BATFAIL flag.
LISTEN ONLY MODE
This mode is used to disable the CAN driver, but leave the
CAN receiver active. In this mode, the device is only able to
report the CAN state on the RXD pin. The TXD pin has no
effect on CAN bus lines. This mode is entered by setting the
EN and STBY pins to [0, 1].
In this mode, coming from Normal mode, the ERR pin
reports local failures occurring on the TXD and RXD pins, and
VDD low. When this mode is entered from the Standby mode,
the ERR pin reports the BATFAIL flag.
The VDD regulator is ON. The SPLIT pin is active and a
2.5 V biasing is provided on the SPLIT output pin.
GO TO SLEEP MODE
Go to sleep is an intermediate mode to ultimately set the
device in Sleep mode. The go to sleep is entered by setting
the EN and STBY pins to [1, 0]. If the EN and STBY pins are
maintained to [1,0] for a time longer than tH, the Sleep mode
is automatically entered. In go to Sleep mode, the VDD
regulator remains in its previous state and the SPLIT pin is
deactivated. INH is active.
SLEEP MODE
The Sleep mode is a low power mode. It is entered from
the Go To Sleep mode by setting the EN and STBY pins to [1
0], and automatically from Go To Sleep mode after tH. In
Sleep mode, the VDD regulator is turned off and the SPLIT
pin is deactivated, INH is high-impedance.
In Sleep mode and Go To Sleep mode, the device is able
to wake-up on CAN bus activity or transitions on the WAKE
pin. A wake-up from Sleep mode will set the device in
Standby mode. Sleep mode is also automatically reached if
the voltage at VIO is below the VIOTH for more time than
TVIO-SLP.
DEVICE MAIN FLAGS DESCRIPTION:
This section describes the flags available when the device
is controlled via the EN and STBY pins in a static manner (no
P_SPI control). Additional information and control are
possible using the Pseudo SPI (refer to Extended device
operation).
BATFAIL
This flag is set to signal that the voltage on the VSUP pin
has dropped below VBFTHS, particularly after the device was
disconnected from the battery. In Listen Only mode, the
BATFAIL flag will be available on the ERR pin, coming from
standby, Go To Sleep and Sleep modes. When VSUP is
below VBF threshold, all internal flags and registers are reset
to their initial condition.
CAN Bus Wake-up (WU)
From Standby or Sleep mode, this flag is set if a correct
pattern has been received on the CAN bus. This wake-up is
reported on ERR and RXD pins by a low level in Standby
mode, as well as in Sleep mode if VIO is present.
VDD low (4.25 V)
5V
EN, STBY
VE = esr x VDD current limitation
VE
VE
VE
wake-up event detected
device start-up
0V
Standby
Normal
Sleep
Main VDD
Weak regulator ON
ON
Main VDD
ON
Main regulator OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com