Electronic Components Datasheet Search
  English  ▼

X  

HT56R65 Datasheet(PDF) 89 Page - Holtek Semiconductor Inc

Part # HT56R65
Description  TinyPower A/D Type with LCD 8-Bit OTP MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R65 Datasheet(HTML) 89 Page - Holtek Semiconductor Inc

Back Button HT56R65 Datasheet HTML 85Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 86Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 87Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 88Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 89Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 90Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 91Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 92Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 93Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 108 page
background image
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
Rev. 1.00
89
July 20, 2009
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the device during the program-
ming process. During the development process, these options are selected using the HT-IDE software development
tools. As these options are programmed into the device using the hardware programming tools, once they are selected
they cannot be changed later as the application software has no control over the configuration options. All options must
be defined for proper system function, the details of which are shown in the table.
No.
Options
Oscillator Options
1
High Oscillator type selection
- f
M
1. External Crystal Oscillator
2. External RC Oscillator
3. Externally supplied clock
- internal filter on
4. Externally supplied clock
- internal filter off
2
fSUB clock selection:
1. 32768Hz External Oscillator
2. 32K_INT Internal Oscillator
3fS clock selection: fSUB or fSYS/4
4
XTAL mode selection: 455kHz or 1M~12MHz
5
32768Hz Crystal: enable or disable
PFD Options
6
PA3: normal I/O or PFD output
7
PFD clock selection: Timer/Event Counter 0 or Timer/Event Counter 1
Buzzer Options
8
PA0/PA1: normal I/O or BZ/BZ or PA0=BZ and PA1 as normal I/O
9
Buzzer frequency: fS/2
2,f
S/2
3,f
S/2
4,f
S/2
5,f
S/2
6,f
S/2
7,f
S/2
8,f
S/2
9
Time Base Option
10
Time base time-out period: 2
12/f
S,2
13/f
S,2
14/f
S,2
15/f
S,
LCD Option
11
LCD type: R or C
- HT56R62/HT56R65 only
Watchdog Options
12
Watchdog Timer function: enable or disable
13
CLRWDT instructions: 1 or 2 instructions
14
WDT time-out period: 2
12/f
S~2
13/f
S,2
13/f
S~2
14/f
S,2
14/f
S~2
15/f
S,2
15/f
S~2
16/f
S
LVD/LVR Options
15
LVD function: enable or disable
16
LVR function: enable or disable
17
LVR/LVD voltage: 2.1V/2.2V or 3.15V/3.3V or 4.2V/4.4V
SPI Options
18
SIM pin enable/disable
19
SPI_WCOL: enable/disable
20
SPI_CSEN: enable/disable, used to enable/disable (1/0) software CSEN function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com