Electronic Components Datasheet Search
  English  ▼

X  

HT56R65 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT56R65
Description  TinyPower A/D Type with LCD 8-Bit OTP MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R65 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT56R65 Datasheet HTML 29Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 30Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 31Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 32Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 33Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 34Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 35Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 36Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 108 page
background image
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
Rev. 1.00
33
July 20, 2009
LCD/LED Registers
Control Registers in the Data Memory, are used to con-
trol the various setup features of the LCD/LED Driver.
There is one control register for the LCD function,
LCDCTRL, and one for the LED function, LEDCTRL.
Various bits in these registers control functions such as
duty type, bias type, bias resistor selection as well as
overall LCD enable and disable. The LEDSEL bit in the
LEDCTRL register must be first setup to determine
whether the display is an LED or LCD type. Pro-
gramming this bit will determine what other options are
available. The LCDEN bit in the LCDCTRL and LEDEN
bit in the LEDCTRL register, which provide the overall
LCD/LED enable/disable function, will only be effective
when the device is in the Normal, Slow or Idle Mode. If
the device is in the Sleep Mode then the display will al-
ways be disabled. Bits RSEL0 and RSEL1 in the
LCDCTRL register select the internal bias resistors to
supply the LCD panel with the correct bias voltages. A
choice to best match the LCD panel used in the applica-
tion can be selected also to minimise bias current. The
TYPE bit in the same register is used to select whether
Type A or Type B LCD control signals are used.
Two registers, LCDOUT1 and LCDOUT2 are used to
determine if the output function of display pins SEG0~
SEG23 are used as segment drivers or CMOS outputs.
If used as CMOS outputs then the Display Memory is
used to determine the logic level of the CMOS output
pins. Note that as only two bits are used to determine
the output function of the SEG0~SEG7 and
SEG8~SEG15 pins, individual pins from these two
groups of pins cannot be chosen to have either a seg-
ment or CMOS output function. The output function of
pins SEG16~SEG23 can be chosen individually to be
either a segment driver or a CMOS input.
LCD Reset Function
The LCD has an internal reset function that is an OR
function of the inverted LCDEN bit in the LCDCTRL reg-
ister and the Sleep function. The LCD reset signal is ac-
tive high. The LCDEN signal is the inverse of the
LCDEN bit in the LCDCTRL register.
Reset LCD = (Sleep Mode AND LCDEN) OR LCDEN.
LCDEN =0 and LCDEN =1 must be enabled to activate
the LCDCTRL register function.
LCDEN
Sleep Mode
Reset LCD
0
Off
Ö
0On
Ö
1
Off
x
1On
Ö
LCD Reset Function
Clock Source
The LCD clock source is the internal clock signal, fSUB,
divided by 8, using an internal divider circuit. The fSUB in-
ternal clock is supplied by either the internal 32K_INT
oscillator or the external 32768Hz oscillator, the choice
of which is determined by a configuration option. For
proper LCD operation, this arrangement is provided to
generate an ideal LCD clock source frequency of 4kHz.
fSUB Clock Source
LCD Clock Frequency
Internal 32K_INT Osc.
4kHz
External 32768Hz Osc.
4kHz
LCD Clock Source
LCD Driver Output
When the LEDSEL bit in the LEDCTRL register is
cleared to zero, the COM and SEG lines will be setup as
LCD driver pins to drive the LCD display.
The number of COM and SEG outputs supplied by the
LCD driver, as well as its biasing and duty selections,
are dependent upon how the LCD control bits are pro-
grammed. The Bias Type, whether C or R type is se-
lected using a configuration option.
If the C-type of bias is used when an internal charge
pump will be enabled. Note that the C-type bias is not
available on the 52-pin QFP package type.
The nature of Liquid Crystal Displays require that only
AC voltages can be applied to their pixels as the applica-
tion of DC voltages to LCD pixels may cause permanent
damage. For this reason the relative contrast of an LCD
display is controlled by the actual RMS voltage applied
to each pixel, which is equal to the RMS value of the
voltage on the COM pin minus the voltage applied to the
SEG pin. This differential RMS voltage must be greater
than the LCD saturation voltage for the pixel to be on
and less than the threshold voltage for the pixel to be off.
The requirement to limit the DC voltage to zero and to
control as many pixels as possible with a minimum num-
ber of connections, requires that both a time and ampli-
tude signal is generated and applied to the application
LCD. These time and amplitude varying signals are au-
tomatically generated by the LCD driver circuits in the
microcontroller. What is known as the duty determines
the number of common lines used, which are also
known as backplanes or COMs. The duty, which is cho-
sen by a control bit to have a value of 1/2, 1/3, 1/4 etc
and which equates to a COM number of 2, 3, 4 etc,
therefore defines the number of time divisions within
each LCD signal frame. Two types of signal generation
are also provided, known as Type A and Type B, the re-
quired type is selected via
the TYPE bit in the
LCDCTRL register. Type B offers lower frequency sig-
nals, however lower frequencies may introduce flicker-
ing and influence display clarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com