Electronic Components Datasheet Search
  English  ▼

X  

HT56R65 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT56R65
Description  TinyPower A/D Type with LCD 8-Bit OTP MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R65 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT56R65 Datasheet HTML 28Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 29Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 30Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 31Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 32Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 33Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 34Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 35Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
Rev. 1.00
32
July 20, 2009
Display Memory
An area of Data Memory is especially reserved for use
for the LCD/LED display data. This data area is known
as the Display Memory. Any data written here will be au-
tomatically read by the internal display driver circuits,
which will in turn automatically generate the necessary
LCD or LED driving signals. Therefore any data written
into this Memory will be immediately reflected into the
actual display connected to the microcontroller.
As the Display Memory addresses overlap those of the
General Purpose Data Memory, it s stored in its own
independent Bank 1 area. The Data Memory Bank to be
used is chosen by using the Bank Pointer, which is a
special function register in the Data Memory, with the
name, BP. To access the Display Memory therefore re-
quires first that Bank 1 is selected by writing a value of
01H to the BP register. After this, the memory can then
be accessed by using indirect addressing through the
use of Memory Pointer MP1. With Bank 1 selected, then
using MP1 to read or write to the memory area, starting
with address 40H, will result in operations to the Display
Memory. Directly addressing the Display Memory is not
applicable and will result in a data access to the Bank 0
General Purpose Data Memory.
The accompanying Display Memory Map diagrams
shows how the internal Display Memory is mapped to
the Segments and Commons of the display for the larg-
est device, which is the HT56R656. Display Memory
Maps for devices with smaller memory capacities can
be extrapolated from these diagrams.
The accompanying waveform diagrams show the
generated waveforms for a range of duty and bias types.
The huge number of permutations of available for the
LCD and LED waveform types does not permit all types
to be depicted.
4 0 H
7 7 H
b 7
b 6
b 5
b 4
b 3
b 2
b 1
b 0
4 1 H
7 6 H
S E G 0
S E G 5 5
S E G 1
S E G 5 4
HT56R656 Memory Map
- 56´8
4 0 H
6 F H
b 7
b 6
b 5
b 4
b 3
b 2
b 1
b 0
4 1 H
b 7
b 6
b 5
b 4
b 3
b 2
b 1
b 0
S E G 0
S E G 4 7
S E G 1
S E G 4 6
6 E H
S E G 0
S E G 4 7
S E G 1
S E G 4 6
7 0 H
7 1 H
9 F H
9 E H
HT56R656 Memory Map
- 48´16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com