Electronic Components Datasheet Search
  English  ▼

X  

HT56R65 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT56R65
Description  TinyPower A/D Type with LCD 8-Bit OTP MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R65 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT56R65 Datasheet HTML 10Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 11Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 12Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 13Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 14Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 15Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 16Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 17Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 108 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
(Crystal OSC, RC OSC)
¾
2.2V~5.5V
32
¾
4000
kHz
3.0V~5.5V
32
¾
8000
kHz
4.5V~5.5V
32
¾
12000
kHz
fRTCOSC
RTC Frequency
¾¾
¾
32768
¾
Hz
fTIMER
Timer I/P Frequency
(TMR0/TMR1)
¾
2.2V~5.5V
0
¾
4000
kHz
3.0V~5.5V
0
¾
8000
kHz
4.5V~5.5V
0
¾
12000
kHz
fRC32K
32K RC Oscillator
¾
2.2V~5.5V,
After Trim
28.8
32.0
35.2
kHz
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tLVR
Low Voltage Reset Time
¾¾
0.1
0.4
0.6
ms
tSST1
System Start-up Timer Period
¾
Power-on
¾
1024
¾
tSYS*
tSST2
System Start-up Timer Period for
XTAL or RTC oscillator
¾
Wake-up from Power
Down Mode
¾
1024
¾
tSYS*
tSST3
System Start-up Timer Period for
External RC or External Clock
¾
Wake-up from Power
Down Mode
¾
12
tSYS*
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
Note:
*tSYS=1/fSYS1 or 1/fSYS2
ADC Characteristics
HT56R62/HT56R65
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VAD
A/D Input Voltage
¾
52QFP, 64LQFP
0
¾
AVDD
V
100QFP
0
¾
VREF
V
VREF
A/D Input Reference Voltage
Range
¾ AVDD=5V
1.6
¾
AVDD+0.1
V
DNL
A/C Differential Non-Linearity
¾
AVDD=5V, VREF=AVDD,
tAD=0.5
ms
-2
¾
2
LSB
INL
ADC Integral Non-Linearity
¾
AVDD=5V, VREF=AVDD,
tAD=0.5
ms
-4
¾
4
LSB
IADC
Additional Power Consumption
if A/D Converter is Used
3V
¾
¾
0.50
0.75
mA
5V
¾
1.0
1.5
mA
tAD
A/D Clock Period
¾¾
0.5
¾¾
ms
tADC
A/D Conversion Time
¾¾
¾
16
¾
tAD
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
Rev. 1.00
14
July 20, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com