Electronic Components Datasheet Search
  English  ▼

X  

HT56R65 Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT56R65
Description  TinyPower A/D Type with LCD 8-Bit OTP MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R65 Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT56R65 Datasheet HTML 36Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 37Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 38Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 39Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 40Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 41Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 42Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 43Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 108 page
background image
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
Rev. 1.00
40
July 20, 2009
V A
V B
V C
V S S
1 F r a m e
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
C O M 0
C O M 1
C O M 2
A l l s e g m e n t s O F F
C O M 0 s e g m e n t s O N
C O M 3
C O M 1 s e g m e n t s O N
C O M 2 s e g m e n t s O N
( o t h e r c o m b i n a t i o n s a r e o m i t t e d )
C O M 0 , 1 s e g m e n t s O N
C O M 3 s e g m e n t s O N
N o r m a l O p e r a t i o n M o d e
D u r i n g R e s e t o r i n H A L T M o d e
C O M 0 , C O M 1 , C O M 2 , C O M 3
A l l s e g m e n t o u t p u t s
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
C O M 0 , 2 s e g m e n t s O N
V A
V B
V C
V S S
C O M 0 , 3 s e g m e n t s O N
V A
V B
V C
V S S
A l l s e g m e n t s O N
Note: For 1/3 R type bias, the VA=VLCD1, VB=VLCD1
´2/3 and VC=VLCD1´1/3.
For 1/3 C type bias, the VA=VLCD1
´1.5, VB=VLCD1 and VC=VLCD1´1/2.
LCD Driver Output
- Type A - 1/4 Duty, 1/3 Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com