Electronic Components Datasheet Search
  English  ▼

X  

MPC8548E Datasheet(PDF) 139 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 139 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 138Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 139Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 140Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 141Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 142Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 143Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
139
Ordering Information
Table 83. Part Numbering Nomenclature
MPC
nnnnn
t
pp
ff
c
r
Product
Code
Part
Identifier
Temperature
Package1, 2, 3
Processor
Frequency4
Core
Frequency
Silicon Version
MPC
8548E
Blank = 0 to 105
°C
C = –40
° to 105°C
HX = CBGA
VU = Pb-free CBGA
PX = PBGA
VT = Pb-free PBGA
AV = 15003
AU = 1333
AT = 1200
AQ = 1000
J = 533
H = 5005
G = 400
Blank = Ver. 2.0
(SVR = 0x80390020)
A = Ver. 2.1.1
B = Ver. 2.1.2
(SVR = 0x80390021)
8548
Blank = Ver. 2.0
(SVR = 0x80310020)
A = Ver. 2.1.1
B = Ver. 2.1.2
(SVR = 0x80310021)
8547E
AU = 1333
AT = 1200
AQ = 1000
J = 533
G = 400
Blank = Ver. 2.0
(SVR = 0x80390120)
A = Ver. 2.1.1
B = Ver. 2.1.2
(SVR = 0x80390121)
8547
Blank = Ver. 2.0
(SVR = 0x80390120)
A = Ver. 2.1.1
B = Ver. 2.1.2
(SVR = 0x80310121)
8545E
AT = 1200
AQ = 1000
AN = 800
G = 400
Blank = Ver. 2.0
(SVR = 0x80390220)
A = Ver. 2.1.1
B = Ver. 2.1.2
(SVR = 0x80390221)
8545
Blank = Ver. 2.0
(SVR = 0x80310220)
A = Ver. 2.1.1
B = Ver. 2.1.2
(SVR = 0x80310221)
8543E
AQ = 1000
AN = 800
Blank = Ver. 2.0
(SVR = 0x803A0020)
A = Ver. 2.1.1
B = Ver. 2.1.2
(SVR = 0x803A0021)
8543
Blank = Ver. 2.0
(SVR = 0x80320020)
A = Ver. 2.1.1
B = Ver. 2.1.2
(SVR = 0x80320021)
Notes:
1. See Section 18, “Package Description,” for more information on available package types.
2. The HiCTE FC-CBGA package is available on only Version 2.0 of the device.
3. The FC-PBGA package is available on only Version 2.1.1 and 2.1.2 of the device.
4. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by part number specifications may support other
maximum core frequencies.
5. This speed available only for silicon Version 2.1.1.and 2.1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com