Electronic Components Datasheet Search
  English  ▼

X  

MPC8548E Datasheet(PDF) 141 Page - Freescale Semiconductor, Inc

Part # MPC8548E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548E Datasheet(HTML) 141 Page - Freescale Semiconductor, Inc

Back Button MPC8548E Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 138Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 139Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 140Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 141Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 142Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 143Page - Freescale Semiconductor, Inc MPC8548E Datasheet HTML 144Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 141 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
141
Document Revision History
23 Document Revision History
Table 84 provides a revision history for the MPC8548E hardware specification.
Table 84. Document Revision History
Revision
Date
Substantive Change(s)
6
12/2009
• In Section 5.1, “Power-On Ramp Rate” added explanation that Power-On Ramp Rate is required to
avoid falsely triggering ESD circuitry.
•In Table 10 changed required ramp rate from 545 V/s for MVREF and VDD/XVDD/SVDD to 3500 V/s
for MVREF and 4000 V/s for VDD.
•In Table 10 deleted ramp rate requirement for XVDD/SVDD.
•In Table 10 footnote 1 changed voltage range of concern from 0– 400 mV to 20 – 500mV.
•In Table 10 added footnote 2 explaining that VDD voltage ramp rate is intended to control ramp rate of
AVDD pins.
5
10/2009
• In Table 27, ”GMII Receive AC Timing Specifications,” changed duty cycle specification from 40/60 to
35/75 for RX_CLK duty cycle.
• Updated tMDKHDX in Table 37, “MII Management AC Timing Specifications.”
• Added a reference to Revision 2.1.2.
• Updated Table 55, “MII Management AC Timing Specifications.”
• Added Section 5.1, “Power-On Ramp Rate.”
4
04/2009
• In Table 1, “Absolute Maximum Ratings 1,” and in Table 2, “Recommended Operating Conditions,”
moved text, “MII management voltage” from LVDD/TVDD to OVDD, added “Ethernet management” to
OVDD row of input voltage section.
•In Table 5, “SYSCLK AC Timing Specifications,” added notes 7 and 8 to SYSCLK frequency and cycle
time.
•In Table 36, “MII Management DC Electrical Characteristics,” changed all instances of LVDD/OVDD to
OVDD.
• Modified Section 15, “High-Speed Serial Interfaces (HSSI),” to reflect that there is only one SerDes.
• Modified DDR clk rate min from 133 to 166 MHz.
• Modified note in Table 71, “Processor Core Clocking Specifications (MPC8548E and MPC8547E), “.”
•In Table 52, “Differential Transmitter (TX) Output Specifications,” modified equations in Comments
column, and changed all instances of “LO” to “L0.” In addition, added note 8.
•In Table 53, “Differential Receiver (RX) Input Specifications,” modified equations in Comments column,
and in note 3, changed “TRX-EYE-MEDIAN-to-MAX-JITTER,” to “TRX-EYE-MEDIAN-to-MAX-JITTER.”
• Modified Table 79, “Frequency Options of SYSCLK with Respect to Memory Bus Speeds.”
• Added a note on Section 4.1, “System Clock Timing,” to limit the SYSCLK to 100 MHz if the core
frequency is less than 1200 MHz
•In Table 67, “MPC8548E Pinout ListingTable 68, “MPC8547E Pinout ListingTable 69, “MPC8545E
Pinout ListingTable 70, “MPC8543E Pinout Listing,” added note 5 to LA[28:31].
• Added note to Table 79, “Frequency Options of SYSCLK with Respect to Memory Bus Speeds.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com