Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6350
Description  Low Noise Single-Ended to Differential Converter/ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6350 Datasheet HTML 5Page - Linear Technology LT6350 Datasheet HTML 6Page - Linear Technology LT6350 Datasheet HTML 7Page - Linear Technology LT6350 Datasheet HTML 8Page - Linear Technology LT6350 Datasheet HTML 9Page - Linear Technology LT6350 Datasheet HTML 10Page - Linear Technology LT6350 Datasheet HTML 11Page - Linear Technology LT6350 Datasheet HTML 12Page - Linear Technology LT6350 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LT6350
9
6350f
Small Signal Step Response
200ns/DIV
6350 G33
VS = 5V
OUT1, CL = 56pF EACH OUTPUT TO GND
OUT2, NO LOAD
OUT1, NO LOAD
OUT2, CL = 56pF EACH OUTPUT TO GND
Differential Frequency Response
vs Gain
Differential Frequency Response
vs Temperature
Closed Loop Magnitude and
Group Delay Response, Op Amp 2
Output Balance vs Frequency
Large Signal Step Response
FREQUENCY (MHz)
0.1
–15
0
–5
–10
5
4
7
6
5
8
1
100
10
6350 G40
GROUP DELAY
MAGNITUDE
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, V+ = 5V, V– = 0V, V+IN1 = V2 = Mid-Supply, VSHDN = V+, RF = SHORT, RG = OPEN, RL = OPEN. See Figure 1.
FREQUENCY (MHz)
0.1
0
50
40
30
20
10
60
100
1
6350 G41
10
VS = 5V
OUT2
OUT1
200ns/DIV
0
4
3
2
1
5
6350 G34
V+ = 5V, V – = 0V
V+IN2 = 2.5V
NO LOAD
FREQUENCY (MHz)
0.1
–20
30
20
10
0
–10
40
1
1000
10
6350 G37
100
AVDIFF = 2
AVDIFF = 4
AVDIFF = 10
AVDIFF = 20
VS = 5V
RL = 2k
RF +RG = 2k FOR AVDIFF > 2
FREQUENCY (MHz)
0.1
–15
5
0
–5
–10
10
1000
110
6350 G38
100
TA = –40°C
TA = 25°C
TA = 85°C
VS = 5V
RL = 2k
Differential Slew Rate
vs Temperature
TEMPERATURE (°C)
–60
20
70
60
50
40
30
80
–40
100 120 140
–20 0
20
3586 G35
40 60 80
OUT1 RISING
(OUT2 FALLING)
VS = 5V
OUT1 TIED TO –IN1
50Ω SOURCE IMPEDANCE
RL = 1k
OUT2 RISING
(OUT1 FALLING)
Closed Loop Small Signal
Frequency Response, Op Amp 1
Closed Loop Small Signal
Frequency Response, Op Amp 2
FREQUENCY (MHz)
0.1
–25
–5
0
–10
–15
–20
5
–100
400
200
300
100
0
500
1
1000
10
100
6350 G20
VS = 5V
MAGNITUDE
PHASE
FREQUENCY (MHz)
0.1
–10
20
10
0
30
1
1000
10
100
6350 G19
VS = 5V
RL = 2k
RF + RG = 2k for AV1 > 1
AV1 = 10
AV1 = 5
AV1 = 2
AV1 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com