Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 22 Page - Linear Technology

Part # LT6350
Description  Low Noise Single-Ended to Differential Converter/ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT6350 Datasheet HTML 18Page - Linear Technology LT6350 Datasheet HTML 19Page - Linear Technology LT6350 Datasheet HTML 20Page - Linear Technology LT6350 Datasheet HTML 21Page - Linear Technology LT6350 Datasheet HTML 22Page - Linear Technology LT6350 Datasheet HTML 23Page - Linear Technology LT6350 Datasheet HTML 24Page - Linear Technology LT6350 Datasheet HTML 25Page - Linear Technology LT6350 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LT6350
22
6350f
APPLICATIONS INFORMATION
+IN1
+IN1
E3
J1
R2
0Ω
C2
1μF
BNC
R5
OPT
C4
OPT
JP2
+COUPLING
AC
DC
1
1
1
1
3
3
3
3
2
2
2
2
JP3
+IN1CM
JP5
+IN2
C3
OPT
R14
OPT
R7
499Ω
NC
R1
10k
R15
20k
R8
30.1k
+IN2
+IN2
E1
SHDN
JP1
V+
V+
V–
V+
V–
SHDN
ENABLE
LT6350CMS8
SHDN
R3
10Ω
R9
10Ω
R4
0Ω
R10
0Ω
E5
E7
E10
J2
BNC
J4
BNC
OUT2
E2
OUT1
E9
C1
OPT
NPO
C5
OPT
NPO
C6
OPT
NPO
R6
OPT
C7
OPT
NPO
C9
OPT
NPO
OUT2FILT
OUT1FILT
GND
GND
E6
–IN1
–IN1
E8
J3
OPT
BNC
R11
0Ω
JP4
–COUPLING
AC
DC
1
3
2
C12
1μF
C8
0.1μF
C16
OPT
R13
OPT
C11
OPT
NPO
R12
0Ω
V+
V–
+IN1
–IN1
+IN2
SHDN
OUT2
OUT1
+
–
C10
1μF
E13
C13
1μF
C14
0.1μF
C17
1μF
C15
0.1μF
C18
1μF
C19
0.1μF
C20
10μF
C22
10μF
GND
E11
E12
V–
V+
V+
V–
V–
V+
LT6350 BYPASS
6350 F09
87
6
5
12
3
4
E2
EXT
GND
C21
10μF
C23
10μF
1
2
3
JP6
SINGLE SUPPLY
SPLIT SUPPLY
Figure 9. DC1538A Demoboard Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com