Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 5 Page - Linear Technology

Part # LT6350
Description  Low Noise Single-Ended to Differential Converter/ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 5 Page - Linear Technology

  LT6350 Datasheet HTML 1Page - Linear Technology LT6350 Datasheet HTML 2Page - Linear Technology LT6350 Datasheet HTML 3Page - Linear Technology LT6350 Datasheet HTML 4Page - Linear Technology LT6350 Datasheet HTML 5Page - Linear Technology LT6350 Datasheet HTML 6Page - Linear Technology LT6350 Datasheet HTML 7Page - Linear Technology LT6350 Datasheet HTML 8Page - Linear Technology LT6350 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LT6350
5
6350f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Inputs are protected by back-to-back diodes and diodes to each
supply. If the inputs are taken beyond the supplies or the differential input
voltage exceeds 0.7V, the input current must be limited to less than 20mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted indefinitely.
Note 4: The LT6350C/LT6350I are guaranteed functional over the
temperature range of –40°C to 85°C. The LT6350H is guaranteed
functional over the temperature range of –40°C to 125°C.
Note 5: The LT6350C is guaranteed to meet specified performance from
0°C to 70°C. The LT6350C is designed, characterized and expected to
meet specified performance from –40°C to 85°C, but is not tested or
QA sampled at these temperatures. The LT6350I is guaranteed to meet
specified performance from –40°C to 85°C. The LT6350H is guaranteed to
meet specified performance from –40°C to 125°C.
Note 6: VOS2 is measured as the total output common mode voltage offset
(error between output common mode and voltage at V2). VOS2 includes
the combined effects of op amp 2’s voltage offset, IB, IOS and mismatch
between on-chip resistors and the 499Ω external resistor, R1 (See Figure 1).
Note 7: Supply voltage range is guaranteed by the power supply rejection
ratio test.
Note 8: Output balance is calculated from gain error and gain as:
BAL
GAIN
GAIN
ERR
=
Note 9: DC linearity is measured by measuring the differential output for
each input in the set V+IN1 = 0.5V, 2.5V, 4.5V, and calculating the maximum
deviation from the least squares best fit straight line generated from the
three data points.
Note 10: Output voltage swings are measured between the output and
power supply rails.
Note 11: Full- power bandwidth is calculated from the slew rate.
FPBW = SR/2VP.
ELECTRICAL CHARACTERISTICS The l denotes specifications that apply over the full specified temperature range,
otherwise specifications are at TA = 25°C. Unless noted otherwise, V+ = 5V, V– = 0V, V+IN1 = V2 = Mid-Supply, VSHDN = V+, RL = OPEN, RF =
SHORT, RG = OPEN. VS is defined as (V+ – V–). VOUTCM is defined as (VOUT1 + VOUT2)/2. VOUTDIFF is defined as (VOUT1 – VOUT2). See Figure 1.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FPBW
Full Power Bandwidth (Note 11)
VOUTDIFF = 8VP-P
1.6
MHz
CL
Capacitive Load Drive, 20% Overshoot
No Series Output Resistors
56
pF
SR
Differential Slew Rate
OUT1 Rising (OUT2 Falling)
OUT1 Falling (OUT2 Rising)
48
41
V/μs
V/μs
HD2
HD3
10kHz Distortion
VS = 5V, VOUTDIFF = 4VP-P, RL = 2kΩ
2nd Harmonic
3rd Harmonic
–115
–115
dBc
dBc
HD2
HD3
100kHz Distortion
VS = 5V, VOUTDIFF = 4VP-P, RL = 2kΩ
2nd Harmonic
3rd Harmonic
–102
–97
dBc
dBc
HD2
HD3
1MHz Distortion
VS = 5V, VOUTDIFF = 4VP-P, RL = 2kΩ
2nd Harmonic
3rd Harmonic
–86
–75
dBc
dBc
tS
Settling Time to a 4V Input Step
0.1%
0.01%
0.0015% (±1LSB, 16-Bit, Falling Edge)
200
240
350
ns
ns
ns
tOVDR
Overdrive Recovery Time
+IN1 to V– and V+
200
ns
tON
Turn-On Time
VSHDN = 0V to 5V
400
ns
tOFF
Turn-Off Time
VSHDN = 5V to 0V
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com