Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6350
Description  Low Noise Single-Ended to Differential Converter/ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 1 Page - Linear Technology

  LT6350 Datasheet HTML 1Page - Linear Technology LT6350 Datasheet HTML 2Page - Linear Technology LT6350 Datasheet HTML 3Page - Linear Technology LT6350 Datasheet HTML 4Page - Linear Technology LT6350 Datasheet HTML 5Page - Linear Technology LT6350 Datasheet HTML 6Page - Linear Technology LT6350 Datasheet HTML 7Page - Linear Technology LT6350 Datasheet HTML 8Page - Linear Technology LT6350 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT6350
1
6350f
TYPICAL APPLICATION
DESCRIPTION
Low Noise
Single-Ended to Differential
Converter/ADC Driver
The LT®6350 is a rail-to-rail input and output low noise
single-ended to differential converter/ADC driver featuring
fast settling time. It converts a high or low impedance,
single-ended input signal to a low impedance, balanced,
differential output suitable for driving high performance
differential succesive approximation register (SAR) ADCs.
The two op amp topology features very low noise op amps,
that can support SNR >110dB in a 1MHz bandwidth.
The input op amp is trimmed for constant low input-referred
voltage offset over the input range to prevent VOS steps
from degrading distortion.
On a single 5V supply, the outputs can drive ADCs from
55mV to 4.945V on each input. With the addition of a
negative supply, the LT6350 can drive ADCs from 0V to
4.945V on each input. Output common mode voltage is
set by applying a voltage to the +IN2 pin.
The LT6350 draws 4.8mA from a 5V supply and consumes
just 60μA in shutdown mode.
The LT6350 is available in a compact 3mm × 3mm, 8-pin
leadless DFN package and also in an 8-pin MSOP package
and operates over a –40°C to 125°C temperature range.
20kHz Sine Wave,
–1dBFS 8192-Point FFT
FEATURES
APPLICATIONS
n Rail-to-Rail Input and Outputs
n Fast Settling Time: 240ns, 0.01%, 8VP-P Output Step
n 1.9nV/√Hz Input-Referred Op Amp Noise
n High Impedance Input
n –3dB Bandwidth: 33MHz
n 2.7V to 12V Supply Operation
n No External Gain-Resistors Required
n 4.8mA Supply Current
n Low Power Shutdown
n Low Distortion (HD2/HD3): –102dBc/–97dBc at
100kHz, VOUTDIFF = 4VP-P
n Low Offset Voltage: ±400μV Max
n High DC Linearity: <±1LSB, 16-Bit, 8VP-P
n Low Input Current Noise: 1.1pA/√Hz
n 3mm × 3mm 8-Pin DFN and 8-Lead MSOP Packages
n 16-Bit and 18-Bit SAR ADC Drivers
n Single-Ended to Differential Conversion
n Differential Line Driver
FREQUENCY (kHz)
0
–140
–30
–10
–20
–60
–50
–40
–70
–80
–90
–110
–100
–120
–130
0
100
200
500
300
6350 TA02
400
V+ = 5V, V– = –5V
VOUTDIFF = 7.3VP-P
V+IN2 = 2.05V
SNR = 94.9dB
SINAD = 93.8dB
THD = –100.2dB
SFDR = 102.2dB
+
–
+IN1
–IN1
V+
V–
OUT2
OUT1
SHDN
+IN2
VIN
0V to 4V
5V
5V
0.1μF
0.1μF
0.1μF
499Ω
2V
–5V
LT6350
6350 TA01
249Ω
249Ω
2200pF
+
–
AIN
–
AIN
+
LTC2393-16
ADC Driver: Single-Ended Input to Differential Output
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 5610557, 6344773.


Similar Part No. - LT6350

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6350 LINER-LT6350 Datasheet
415Kb / 24P
18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LT6350 LINER-LT6350 Datasheet
364Kb / 22P
Precision, Low Power Rail-to-Rail Input/Output
LT6350 LINER-LT6350 Datasheet
571Kb / 24P
Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LT6350 LINER-LT6350 Datasheet
2Mb / 50P
16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
LT6350 LINER-LT6350 Datasheet
2Mb / 52P
16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
More results

Similar Description - LT6350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8139 AD-AD8139 Datasheet
720Kb / 24P
Low Noise Rail-to-Rail Differential ADC Driver
8/04-Data Sheet Changed from a Rev. 0 to Rev. A.
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LT1993-4 LINER-LT1993-4_15 Datasheet
726Kb / 16P
900MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
LT1993-10 LINER-LT1993-10_15 Datasheet
745Kb / 16P
700MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
LT6350 LINER-LT6350_15 Datasheet
877Kb / 28P
Low Noise Single-Ended to Differential Converter/ADC Driver
LTC6360 LINER-LTC6360_15 Datasheet
524Kb / 24P
Very Low Noise Single-Ended SAR ADC Driver with True Zero Output
logo
Analog Devices
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
Low Noise, Rail-to-Rail, Differential ADC Driver
REV. C
logo
Texas Instruments
OPA862 TI1-OPA862_V01 Datasheet
3Mb / 39P
OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
OPA862 TI-OPA862_V02 Datasheet
3Mb / 37P
OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com