Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 28 Page - Linear Technology

Part # LT6350
Description  Low Noise Single-Ended to Differential Converter/ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT6350 Datasheet HTML 20Page - Linear Technology LT6350 Datasheet HTML 21Page - Linear Technology LT6350 Datasheet HTML 22Page - Linear Technology LT6350 Datasheet HTML 23Page - Linear Technology LT6350 Datasheet HTML 24Page - Linear Technology LT6350 Datasheet HTML 25Page - Linear Technology LT6350 Datasheet HTML 26Page - Linear Technology LT6350 Datasheet HTML 27Page - Linear Technology LT6350 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LT6350
28
6350f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2010
LT 0110 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC239x-16
16-Bit SAR ADCs
250ksps to 3Msps
LT6202/LT6203
Single/Dual 100MHz Rail-to-Rail Input/Output Ultralow Noise,
Low Power Amplifiers
1.9nV√Hz, 3mA Maximum, 100MHz Gain Bandwidth
LT1806/LT1807
Single/Dual 325MHz Low Noise/Low Distortion Rail-toRail
Input/Output Amplifiers
2.5V Operation, 550μV Maximum VOS, 3.5μV/√Hz
LTC6403
200MHz Low Noise, Low Distortion, Fully Differential
Input/Output Amplifier/Driver
10.8mA Supply Current, –95dBc Distortion at 3MHz, 2VP-P Output
LT1468/LT1469
Single/Dual 90MHz, 22V/μs
16-Bit Accurate Op Amp
±5V to ±15V operation, VOS ≤ 75μV
LTC6246/LTC6247/
LTC6248
Single/Dual/Quad 180MHz
Rail-to-Rail Low Power Op Amps
1mA/Amplifier, 4.2nV/√Hz
+
–
+IN1
–IN1
V+
V–
OUT2
OUT1
SHDN
+IN2
5V
3V
R2
3.01k
R1
1M
20k
24.9k
5V
0.1μF
0.1μF
0.1μF
2.5V
LT6350
PHILIPS/NXP
BF862
6350 TA03
VOUT1
IPD
VOUT2
4.99k
2.5V
0.1pF
OSRAM
SFH213
Low Noise, Low Power 1MΩ Single Supply Photodiode Transimpedance Amplifier
VOUT1
500mV/DIV
VOUT2
500mV/DIV
LIGHT
ASSERT
6350 TA04
VOUTDIFF = ~ ±200mV + IPD • 2MΩ
BW = 1.35MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com