Electronic Components Datasheet Search
  English  ▼

X  

ST7575 Datasheet(PDF) 49 Page - Sitronix Technology Co., Ltd.

Part # ST7575
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7575 Datasheet(HTML) 49 Page - Sitronix Technology Co., Ltd.

Back Button ST7575 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 51Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
ST7575
Ver 1.3
49/51
2007/09/12
Selection of Application Voltage
Power Range Summary
l
Positive Booster: (VDD2 x PCn x BE) ≥ V0 or (VDD2 x PCn x BE) ≥ Vop;
l
Negative Booster: [–VDD2 x (PCn – 1) x BE] ≤ XV0 or [VDD2 x (PCn – 1) x BE] ≥ (Vop – VG),
where VG = Vop x 2 / N;
l
Vop requirement: [VDD2 x (PCn – 1) x BE] ≥ [Vop x (N – 2) / N] or [Vop ≤ VDD2 x (PCn – 1) x BE x N / (N – 2)].
l
PCn is the booster stage and BE is the booster efficiency. Referential values are listed below: (assume VDD2=2.4V)
Module Size ≤ 1.4”: BE=80% (min);
Module Size = 1.4”~1.8”: BE=76% (min).
Actual BE should be determined by module loading and ITO resistance value.
l
1.24 ≤ VG < VDD2. Recommend VG is: VDD2-VG around 0.5~0.8V.
l
VM=VG/2 and 0.62V ≤ VM < VDD2.
l
The worse condition should be considered:
Low temperature effect and display on with snow pattern on panel (max: 1.8”).
Referential LCD Module Setting
VDD1=VDD2=2.8V, Panel Size=1.4”
Duty
Booster
Vop
Bias
1/66
5X,
CP=H
8.49V ~ 9V,
PRS=1
1/9,
BS[2:0]=0,1,1
Note: It is recommended to reserve some range for user adjustment and temperature effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com