Electronic Components Datasheet Search
  English  ▼

X  

ST7575 Datasheet(PDF) 20 Page - Sitronix Technology Co., Ltd.

Part # ST7575
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7575 Datasheet(HTML) 20 Page - Sitronix Technology Co., Ltd.

Back Button ST7575 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
ST7575
Ver 1.3
20/51
2007/09/12
Data Transfer
ST7575 uses bus holder and internal data bus for data transfer with MPU. When writing data from the MPU to on-chip RAM,
data is automatically transferred from the bus holder to the RAM as shown in Fig 6. And when reading data from on-chip
RAM to the MPU, the data for the initial read cycle is stored in the bus holder (dummy read) and the MPU reads this stored
data from bus holder for the next data read cycle as shown in Fig 7. This means that a dummy read cycle must be inserted
between each pair of address sets when a sequence of address sets is executed. Therefore, the data of the specified
address cannot be output with the read display data instruction right after the address sets, but can be output at the second
read of data.
N
D(N)
D(N+1) D(N+2)
D(N+3)
N
D(N)
D(N+1) D(N+2)
D(N+3)
N
N+1
N+2
N+3
MPU signal
A0
/WR
D0 to D7
Internal signals
/WR
BUS HOLDER
COLUMN ADDRESS
Fig 6. Data Transfer : Write
N
Dummy
D(N)
D(N+1)
MPU signal
A0
/WR
D0 to D7
Internal signals
/WR
COLUMN ADDRESS
/RD
N
D(N)
D(N+1) D(N+2)
D(N)
D(N+1) D(N+2)
N
/RD
BUS HOLDER
Fig 7. Data Transfer : Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com