Electronic Components Datasheet Search
  English  ▼

X  

ST7575 Datasheet(PDF) 22 Page - Sitronix Technology Co., Ltd.

Part # ST7575
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7575 Datasheet(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST7575 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
ST7575
Ver 1.3
22/51
2007/09/12
Column Address Circuit
Column Address Circuit has an 8-bit preset counter that provides Column Address to the DDRAM. The display data RAM
column address is specified by the Column Address Set command. The specified column address is incremented (+1) with
each display data read/write command. This allows the MPU display data to be accessed continuously.
TMX and TMY make it possible to invert the relationship between the addresses (Line Address and Column Address) and
the outputs (COM/SEG). It is necessary to rewrite the display data into built-in RAM after changing TMX setting. The
relation between DDRAM and outputs with different TMX or TMY setting is shown below.
B B B
B
B
B
B B B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B B B
B B B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B B
B
B B B
B
B
B
B
00H
01H
02H
03H
04H
05H
06H
07H
Page 0
Page 1
Page 2
Page 3
Page 4
Page 5
Page 6
Page 7
Page 8
Page 9
ICON
(COMS1, COMS2)
PAD No.
(SEG)
D0
D1
D2
D3
Page Address
Data
TMX=0
Column Address (Hex)
TMX=1
08H
09H
0AH
0BH
0CH
0DH
0EH
0FH
10H
11H
12H
13H
14H
15H
16H
17H
18H
19H
1AH
1BH
1CH
1DH
1EH
1FH
20H
21H
22H
23H
24H
25H
26H
27H
28H
29H
2AH
2BH
2CH
2DH
2EH
2FH
30H
31H
32H
33H
34H
35H
36H
37H
38H
39H
3AH
3BH
3CH
3DH
3EH
3FH
41H
40H
1/66 Duty
COM Output Map
0
0
0
0
D0
D1
D2
D3
D4
D5
D6
D7
0
0
0
1
D0
D1
D2
D3
D4
D5
D6
D7
0
0
1
0
D0
D1
D2
D3
D4
D5
D6
D7
0
0
1
1
D0
D1
D2
D3
D4
D5
D6
D7
0
1
0
0
D0
D1
D2
D3
D4
D5
D6
D7
0
1
0
1
D0
D1
D2
D3
D4
D5
D6
D7
0
1
1
0
D0
D1
D2
D3
D4
D5
D6
D7
0
1
1
1
D0
D1
D2
D3
D4
D5
D6
D7
1
0
0
0
1
0
0
1
D7
D7
COM0
COM1
COM2
COM3
COM4
COM5
COM6
COM7
COM8
COM9
COM10
COM11
COM12
COM13
COM14
COM15
COM16
COM17
COM18
COM19
COM20
COM21
COM22
COM23
COM24
COM25
COM26
COM27
COM28
COM29
COM30
COM31
COM32
COM33
COM34
COM35
COM36
COM37
COM38
COM39
COM40
COM41
COM42
COM43
COM44
COM45
COM46
COM47
COM48
COM49
COM50
COM51
COM52
COM53
COM54
COM55
COM56
COM57
COM58
COM59
COM60
COM61
COM62
COM63
COM64
TMY=0
TMY=1
COM0
COM1
COM2
COM3
COM4
COM5
COM6
COM7
COM8
COM9
COM10
COM11
COM12
COM13
COM14
COM15
COM16
COM17
COM18
COM19
COM20
COM21
COM22
COM23
COM24
COM25
COM26
COM27
COM28
COM29
COM30
COM31
COM32
COM33
COM34
COM35
COM36
COM37
COM38
COM39
COM40
COM41
COM42
COM43
COM44
COM45
COM46
COM47
COM48
COM49
COM50
COM51
COM52
COM53
COM54
COM55
COM56
COM57
COM58
COM59
COM60
COM61
COM62
COM63
COM64
PAD No.
(COM)
248
247
246
245
244
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
157
158
159
160
161
162
163
156
155
154
153
152
151
150
149
148
147
146
145
144
143
142
141
140
139
138
137
136
135
134
133
132
131
130, 243
Fig 8. Relationship between DDRAM and Outputs (COM/SEG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com