Electronic Components Datasheet Search
  English  ▼

X  

ST7575 Datasheet(PDF) 19 Page - Sitronix Technology Co., Ltd.

Part # ST7575
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7575 Datasheet(HTML) 19 Page - Sitronix Technology Co., Ltd.

Back Button ST7575 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7575 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
ST7575
Ver 1.3
19/51
2007/09/12
PS2= "L", PS1= "L", PS0= "L" : 4-line SPI interface
When ST7575 is active (CSB=“L”), serial data (SDA) and serial clock (SCLK) inputs are enabled. When ST7575 is not
active (CSB=“H”), the internal 8-bit shift register and 3-bit counter are reset. The display data/command indication is
controlled by the register selection pin (A0). The signals transferred on data bus will be display data when A0 is high and
will be instruction when A0 is low. The read feature is not supported in this mode. Serial data on SDA is latched at the rising
edge of serial clock on SCLK. After the 8
th serial clock, the serial data will be processed as 8-bit parallel data. The DDRAM
column address pointer will be increased by one automatically after each byte of DDRAM access.
Fig 4. 4-Line SPI Access
PS2= "L", PS1= "L", PS0= "H": 3-line SPI interface
When ST7575 is active (CSB=“L”), serial data (SDA) and serial clock (SCLK) inputs are enabled. When ST7575 is not
active (CSB=“H”), the internal 8-bit shift register and 3-bit counter are reset. The A0 pin is not available in this mode. Before
issuing serial data, an A0 bit is required to indicate the following 8-bit signals are data or instruction. The read feature is not
supported in this mode. Serial data on SDA is latched at the rising edge of serial clock on SCLK. After the 9
th serial clock,
the serial data will be processed as 8-bit parallel data. The DDRAM column address pointer will be increased by one
automatically after each byte of DDRAM access.
Fig 5. 3-Line SPI Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com