Electronic Components Datasheet Search
  English  ▼

X  

ST7626 Datasheet(PDF) 39 Page - Sitronix Technology Co., Ltd.

Part # ST7626
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7626 Datasheet(HTML) 39 Page - Sitronix Technology Co., Ltd.

Back Button ST7626 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
ST7626
Ver 1.5
39/94
2007/01/20
7.10.5 EEPROM Setting Flow
♦
EEPROM Setting Flow
ST7626 provide the Write and Read function to write the Electronic Control value and Built-in resistance ratio into and read
them from the built-in EEPROM. Using the Write and Read functions, you can store these values appropriate to each LCD
panel. This function is very convenient for user in setting from some different panel’s voltage.
Figure 7.10.5 EC value control for different modules by loading EEPROM offset
Note1: This setting flow is used for LCM assembler.
Note2: EEPROM shouldn’t be written without preceding loading correctly from EEPROM to avoid some
errors during IC operation.
Note3: When writing value to EEPROM, the voltage of VLCDin must be more than 18V.
Note4: When writing value to EEPROM, the voltage of VDD2~VDD5 must be 2.8~3.3V.
Note5: When writing value to EEPROM, the Regulator and Follower must turn OFF, and Display also
must turn OFF.
Note6: If the EEPROM is exposed to a high temperature for hours, data in the memory cell may
probably be lost before the data retention guarantee period. To retain data in the memory cell,
keep the mamory cell below 90
℃. The data retention guarantee period is specified including
the retention period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com