Electronic Components Datasheet Search
  English  ▼

X  

ST7626 Datasheet(PDF) 23 Page - Sitronix Technology Co., Ltd.

Part # ST7626
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7626 Datasheet(HTML) 23 Page - Sitronix Technology Co., Ltd.

Back Button ST7626 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 94 page
background image
ST7626
Ver 1.5
23/94
2007/01/20
Memory Map (When using the Type B 4096 color. 8-bit mode)
RGB alignment (Command of data control parameter2=000)
Data control command (BCH)
Column
0
1
97
P11:0(DATCTL)
97
96
0
P11:1(DATCTL)
Color
R
G
B
R
G
B
R
G
B
LCD
read
direction
Data
Page
Block
P10:0
(DATCTL)
P10:1
(DATCTL)
D0_3
D0_2
D0_1
D0_0
D1_7
D1_6
D1_5
D1_4
D1_3
D1_2
D1_1
D1_0
D2_3
D2_2
D2_1
D2_0
D3_7
D3_6
D3_5
D3_4
D3_3
D3_2
D3_1
D3_0
D146_3
D146_2
D146_1
D146_0
D147_7
D147_6
D147_5
D147_4
D147_3
D147_2
D147_1
D147_0
0
67
1
66
2
65
0
3
64
4
63
5
62
6
61
1
7
60
60
7
61
6
62
5
15
63
4
64
3
65
2
66
1
16
67
0
SEGout
0
1
2
3
4
5
291
292
293
Note:
You can change position of R and B with DATACTL command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com