Electronic Components Datasheet Search
  English  ▼

X  

ST7626 Datasheet(PDF) 59 Page - Sitronix Technology Co., Ltd.

Part # ST7626
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7626 Datasheet(HTML) 59 Page - Sitronix Technology Co., Ltd.

Back Button ST7626 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 94 page
background image
ST7626
Ver 1.5
59/94
2007/01/20
(29) Read Register 2 (EPSRRD2) Command: 1 ;Parameter: 0 (7DH)
It is the command for reading ID codes of the ST7626 and the built-in resistance ratio.
A0
RD
RW
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
0
1
1
1
1
1
0
1
Issue the EPSRRD2 and then STREAD (Status Read) commands in succession to read IC’s ID and the built-in resistance
ratio. One status data can be displayed depending on the setting. Also, always issue the NOP command after the STREAD
(Status Read) command.
The Status data will be composed of 8 bits below:
D[7:3]: ST7626 ID codes
D[2:0]: Vop[8:6]
00010
Refer to the built-in resistance ratio Vop[8:6]
(30) Non-operating (NOP) Command: 1; Parameter: 0 (25H)
This command does not affect the operation.
A0
RD
RW
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
0
0
1
0
0
1
0
1
This command, however, has the function of canceling the IC test mode. Thus, it is recommended to enter it periodically to
prevent malfunctioning due to noise and such.
(31) EEPROM Function Start (EEOK) Command:1;Parameter:1(07H)
In the EEPROM read/write flow, EEPROM is ready after issuing this command. Its parameter is set to 19H.
A0
RD
RW
D7
D6
D5
D4
D3
D2
D1
D0
Function
Command
0
1
0
0
0
0
0
0
1
1
1
-
Parameter(P1)
1
1
0
0
0
0
1
1
0
0
1
19H
(32) Reserved (82H)
Do not use this command
A0
RD
RW
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
1
0
0
0
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com