Electronic Components Datasheet Search
  English  ▼

X  

ST7626 Datasheet(PDF) 22 Page - Sitronix Technology Co., Ltd.

Part # ST7626
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7626 Datasheet(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST7626 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 94 page
background image
ST7626
Ver 1.5
22/94
2007/01/20
Memory Map (When using the Type A 4096 color. 16-bit mode)
RGB alignment (Command of data control parameter2=000)
Data control command (BCH)
Column
0
1
97
P11:0(DATCTL)
97
96
0
P11:1(DATCTL)
Color
R
G
B
R
G
B
R
G
B
LCD
read
direction
Data
Page
Block
P10:0
(DATCTL)
P10:1
(DATCTL)
D0_15
D0_14
D0_13
D0_12
D0_11
D0_10
D0_9
D0_8
D0_7
D0_6
D0_5
D0_4
D1_15
D1_14
D1_13
D1_12
D1_11
D1_10
D1_9
D1_8
D1_7
D1_6
D1_5
D1_4
D97_15
D97_14
D97_13
D97_12
D97_11
D97_10
D97_9
D97_8
D97_7
D97_6
D97_5
D97_4
0
67
1
66
2
65
0
3
64
4
63
5
62
6
61
1
7
60
60
7
61
6
62
5
15
63
4
64
3
65
2
66
1
16
67
0
SEGout
0
1
2
3
4
5
291
292
293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com