Electronic Components Datasheet Search
  English  ▼

X  

ST7732 Datasheet(PDF) 72 Page - Sitronix Technology Co., Ltd.

Part # ST7732
Description  262K Color Single-Chip TFT Controller/Driver
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7732 Datasheet(HTML) 72 Page - Sitronix Technology Co., Ltd.

Back Button ST7732 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 168 page
background image
ST7732
Ver 1.5.2
2007-12
72
9.10.4 Vertical Scroll Mode
There is vertical scrolling, which are determined by the commands “Vertical Scrolling Definition” (33h) and Vertical Scrolling
Start Address” (37h).
Fig. 9.10.2 Difference between Scrolling and original
9.10.4.1 When using 128RGB x 160 resolution (GM1, GM0 = “00”)
When Vertical Scrolling Definition Parameters (TFA+VSA+BFA)=160. In this case, scrolling is applied as shown below.
1). Example for TFA =3, VSA=155, BFA=2, SSA=4, ML=0: Scrolling
2). Example for TFA =3, VSA=155 BFA=2, SSA=4, ML=1: Scrolling: TFA and BFT are exchanged
128 Columns
00h 01h ---- ---- ---- ---- 7Eh 7Fh 83h
00h 00
01
0Y
0Z
1
01h 10
11
1Y
1Z
2
02h 20
21
2Y
2Z
3
|
30
31
3Y
3Z
|
|
40
41
4Y
4Z
|
|
50
51
5Y
5Z
|
|
60
6Z
|
|
|
|
|
|
|
|
|
|
S0
|
|
W0 W1 W2
WY WZ
|
|
X0 X1 X2
XY XZ
158
9Eh Y0 Y1 Y2 Y3 YW YX YY YZ
159
9Fh Z0 Z1 Z2 Z3 ZW XZ ZY ZZ
160
A0h
A1h
128 x 160 x18 bit
Fram e RAM
128 Columns
Scan
Order
00
01
02
03
0W 0X 0Y
0Z
G2
10
11
12
13
1W 1X 1Y
1Z
G3
20
21
22
2X 2Y
2Z
G4
40
41
42
4X 4Y
4Z
|
50
51
5Y
5Z
|
60
6Z
|
|
|
|
|
|
U0
U1
UY UZ
|
V0 V1 V2
VX VY VZ
|
W0 W1 W2
WX WY WZ
|
X0
X1
X2
XX XY XZ
|
30
31
32
3X 3Y
3Z G159
Y0 Y1 Y2 Y3
YW YX YY YZ G160
Z0
Z1
Z2
Z3
ZW ZX ZY ZZ G161
128 RGB x 160
LCD Panel
TFA
VSA
BFA
SSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com