Electronic Components Datasheet Search
  English  ▼

X  

ST7732 Datasheet(PDF) 97 Page - Sitronix Technology Co., Ltd.

Part # ST7732
Description  262K Color Single-Chip TFT Controller/Driver
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7732 Datasheet(HTML) 97 Page - Sitronix Technology Co., Ltd.

Back Button ST7732 Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 95Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 96Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 97Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 98Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 100Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 168 page
background image
ST7732
Ver 1.5.2
2007-12
97
9.20 Sleep Out-Command and Self-Diagnostic Functions of the Display Module
9.20.1 Register Loading Detection
Sleep Out-command (See section 10.1.12 “Sleep Out (11h)”) is a trigger for an internal function of the display module,
which indicates, if the display module loading function of factory default values from EEPROM (or similar device) to
registers of the display controller is working properly.
There are compared factory values of the EEPROM and register values of the display controller by the display controller. If
those both values (EEPROM and register values) are same, there is inverted (=increased by 1) a bit, which is defined in
command 10.1.10 “Read Display Self-Diagnostic Result (0Fh)” (=RDDSDR) (The used bit of this command is D7). If those
both values are not same, this bit (D7) is not inverted (= increased by 1).
The flow chart for this internal function is following:
Note: There is not compared and loaded register values, which can be changed by user (00h to AFh and DAh to DDh), by
the display module.
Sleep In (10h)
Sleep Out Mode
Sleep In Mode
Sleep Out (11h)
Compares EEPROM and
register values
Are EEPROM and
register values same ?
D7 inverted
No
Yes
RDDSDR’s D7=0
Power on sequence
HW reset
SW reset
Loads values from
EEPROM to registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com