Electronic Components Datasheet Search
  English  ▼

X  

ST7732 Datasheet(PDF) 19 Page - Sitronix Technology Co., Ltd.

Part # ST7732
Description  262K Color Single-Chip TFT Controller/Driver
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7732 Datasheet(HTML) 19 Page - Sitronix Technology Co., Ltd.

Back Button ST7732 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 168 page
background image
ST7732
Ver 1.5.2
2007-12
19
7. Driver electrical characteristics
7.1 Absolute operation range
Item
Symbol
Rating
Unit
Supply voltage
VDD
- 0.3 ~ +4.6
V
Supply voltage (Logic)
VDDI
- 0.3 ~ +4.6
V
Supply voltage (Digital)
VCC
-0.3 ~ +4.6
V
Driver supply voltage
VGH-VGL
-0.3 ~ +30.0
V
Logic input voltage range
VIN
0.3 ~ VDDI + 0.3
V
Logic output voltage range
VO
0.3 ~ VDDI + 0.3
V
Operating temperature range
TOPR
-40 ~ +85
℃
Storage temperature range
TSTG
-55 ~ +125
℃
Note: If one of the above items is exceeded its maximum limitation momentarily, the quality of the product may be degraded.
Absolute maximum limitation, therefore, specify the values exceeding which the product may be physically damaged.
Be sure to use the product within the recommend range.
7.2 DC characteristic
Specification
Parameter
Symbol
Condition
Min
TYP
Max
Unit
Related
Pins
Power & operation voltage
System voltage
VDD
Operating voltage
2.5
2.8
3.3
V
Interface operation
voltage
VDDI
I/O supply voltage
1.6
1.8/2.8
3.3
V
Digital operating voltage
VCC
Digital supply
voltage
1.6
2.0
V
Gate driver high voltage
VGH
9.41
16.17
V
Gate driver low voltage
VGL
-13.48
-7.06
V
Gate driver supply
voltage
| VGH-VGL |
16.47
29.65
V
Input / Output
Logic-high input voltage
VIH
0.7VDDI
VDDI
V
Note 1
Logic-low input voltage
VIL
VSS
0.3VDDI
V
Note 1
Logic-high output voltage
VOH
IOH = -1.0mA
0.8VDDI
VDDI
V
Note 1
Logic-low output voltage
VOL
IOL = +1.0mA
VSS
0.2VDDI
V
Note 1
Logic-high input current
IIH
VIN = VDDI
1
uA
Note 1
Logic-low input current
IIL
VIN = VSS
-1
uA
Note 1
Input leakage current
IIL
IOH = -1.0mA
-0.1
+0.1
uA
Note 1
VCOM voltage
VCOM high voltage
VCOMH
Ccom=12nF
2.5
5.0
V
VCOM low voltage
VCOML
Ccom=12nF
-2.5
0.0
V
VCOM amplitude
VCOMAC
|VCOMH-VCOML|
4.0
6.0
V
Source driver
Source output range
Vsout
0.1
AVDD-0.1
V
Gamma reference
voltage
GVDD
3.0
5.0
V
Source output settling
time
Tr
Below with 99%
precision
30
us
Note 2
Sout >=4.2V,
Sout<=0.8V
20
mV
Note 2
Output deviation voltage
(Source output channel)
Vdev
4.2V>Sout>0.8V
15
mV
Output offset voltage
VOFFSET
35
mV
Note 3
Step-up circuit
Internal reference
voltage
VREF
0
1
%
1st step-up (VDDx2)
voltage
AVDD
4.95
*4
6.0
*5
V
1st step-up (VDDx2) drop
voltage
VDDx2,dorp
I AVDD = 1.0mA
(include panel
loading)
5%
%
Linear range
VLinear
0.2
AVDD-0.2
V
Note 1: VDDI=1.6 to 3.3V, VDD=2.5 to 3.3V, AGND=DGND=0V, TA=-30 to 70 ℃
Note 2, Source channel loading= 10pF/channel, Gate channel loading=50pF/channel.
Note 3, The Max. value is between measured point of source output and gamma setting value.
Note 4, VDD=2.6V or VCI1=2.6V
Note 5, VDD=3.0V or VCI1=3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com