Electronic Components Datasheet Search
  English  ▼

X  

ST7732 Datasheet(PDF) 101 Page - Sitronix Technology Co., Ltd.

Part # ST7732
Description  262K Color Single-Chip TFT Controller/Driver
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7732 Datasheet(HTML) 101 Page - Sitronix Technology Co., Ltd.

Back Button ST7732 Datasheet HTML 97Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 98Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 100Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 102Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 168 page
background image
ST7732
Ver 1.5.2
2007-12
101
9.21 External Light Source
The operation of the module can meet customer’s Environmental reliability requirements.
9.22 Oscillator
The chip has on-chip oscillator that does not require external components. This oscillator output signal is used for system
clock generation for internal display operation.
9.23 System Clock Generator
The timing generator produces the various signals to driver the internal circuitty. Internal chip operation is not affected by
operations on the data bus.
9.24 Instruction Decoder and Register
The instruction decoder indentifies command words arriving at the interface and routes the following data bytes to their
destination. The command set can be found in “Command” section.
9.25 Source Driver
The source driver block includes 132x3 source outputs (S1 to S396), which should be connected directly to the TFT-LCD.
The source output signals are generated in the data processing block after the data is read out of the RAM and latched,
which represent the simulatance selected rows.
9.26 Gate Driver
The gate driver block includes 162 channel gate output (G1 to G162) which should be connected directly to the TFT-LCD.
9.27 VSYNC Interface
The ST7732 incorporates a VSYNC I/F, which enables to display a moving picture which only system interface and
frame-synchronizing signal. The interface enables to display moving pictures with minimum modification to a conventional
systern.
The VSYNC-I/F is turned ON by VSYNC-I/F ON(ADH) command and turned OFF by VSYNC-I/F(ACH) command. In
VSYNC-I/F mode, internal display operations are synchronized with VS. The VSYNC-I/F enables to display a moving
picture through a system interface in higher speed than the internal display operations by some degree.
The VSYNC-I/F executes display operations only with internal clocks generated by internal oscillators and VS input. All
display data are stored in RAM so that only the data relevant to updating a screen are transferred to minimize data
transmission while displaying a moving picture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com