Electronic Components Datasheet Search
  English  ▼

X  

ST7732 Datasheet(PDF) 102 Page - Sitronix Technology Co., Ltd.

Part # ST7732
Description  262K Color Single-Chip TFT Controller/Driver
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7732 Datasheet(HTML) 102 Page - Sitronix Technology Co., Ltd.

Back Button ST7732 Datasheet HTML 98Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 100Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 102Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 168 page
background image
ST7732
Ver 1.5.2
2007-12
102
-Leading Mode
-Lagging Mode
1. In RCM[1:0]=”01” mode, writing data to RAM on rising edge of VS signal.
2. If high pulse of VS signal should large than 1-lines.
3. The BP and FP should follow conditions: BP≧2-lines, FP≧2-lines and BP+FP =16-lines
4. The signals (CSX, WRX, D/CX and VS) of VSYNC I/F should follow MCU Parallel Interface AC timing.
The VSYNC-I/F has limits on the minimum RAM write speed through the system interface and the frequency of
the internal clocks. It requires a RAM write speed more than the calculated result from the following formula.
-Internal clock frequency (fosc)[Hz] =
Frame Frequency x (DisplayLines+FrontPorch(VSFP)+BackPorch(VSBP)) x 16(clocks) x fluctuation
Example of RAMs writes speed and the frequency of the internal clocks in VSYNC-I/F mode is as follows.
Example: Display size= 132 RGB x 162 lines, Raster rows= 162 lines, Back/Front porch: 14/2 lines(VSBP = 1110, VSFP
= 0010 of AFH), Frame frequency = 60 Hz
Internal clock frequency (fosc)[Hz] = 60Hz x (162+2+14) x 16 clocks x 1.1/0.9 = 209 kHz
When calculating an internal clock frequency, possible causes of fluctuations must also be taken into
consideration. In this example, the allowance for the fluctuation is x10% from the center value and the
frequency must be within a VS cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com