Electronic Components Datasheet Search
  English  ▼

X  

ST7732 Datasheet(PDF) 106 Page - Sitronix Technology Co., Ltd.

Part # ST7732
Description  262K Color Single-Chip TFT Controller/Driver
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7732 Datasheet(HTML) 106 Page - Sitronix Technology Co., Ltd.

Back Button ST7732 Datasheet HTML 102Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 110Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 168 page
background image
ST7732
Ver 1.5.2
2007-12
106
Table 10.1.3 System Function command List (3)
Instruction Refer D/CXWRXRDX D17-8 D7
D6
D5
D4
D3
D2
D1
D0
(Hex)
Function
0
↑
1
-
0
0
1
1
0
0
0
0
(30h) Partial start/end address set
1
↑
1
-
-
-
-
-
-
-
-
-
1
↑
1
-
PSL7 PSL6 PSL5 PSL4 PSL3 PSL2 PSL1 PSL0
Partial start address (0,1,2, ..P)
1
↑
1
-
-
-
-
-
-
-
-
-
PTLAR
10.1.25
1
↑
1
-
PEL7 PEL6 PEL5 PEL4 PEL3 PEL2 PEL1 PEL0
Partial end address (0,1,2, .., P)
0
↑
1
-
0
0
1
1
0
0
1
1
(33h) Scroll area set
1
↑
1
-
-
-
-
-
-
-
-
-
1
↑
1
-
TFA7 TFA6 TFA5 TFA4 TFA3 TFA2 TFA1 TFA0
Top fixed area (0,1,2, .., S)
1
↑
1
-
-
-
-
-
-
-
-
-
1
↑
1
-
VSA7 VSA6 VSA5 VSA4 VSA3 VSA2 VSA1 VSA0
Vertical scroll area (0,1,2, .., S)
1
↑
1
-
-
-
-
-
-
-
-
-
SCRLAR 10.1.26
1
↑
1
-
BFA7 BFA6 BFA5 BFA4 BFA3 BFA2 BFA1 BFA0
Bottom fixed area (0,1,2, .., S)
TEOFF
10.1.27
0
↑
1
-
0
0
1
1
0
1
0
0
(34h) Tearing effect line off
0
↑
1
-
0
0
1
1
0
1
0
1
(35h) Tearing effect mode set & on
TEON
10.1.28
1
↑
1
-
-
-
-
-
-
-
-
TELOM
Mode1: TELOM=”0”
Mode2: TELOM=”1”
0
↑
1
-
0
0
1
1
0
1
1
0
(36h) Memory data access control
MADCTL 10.1.29
1
↑
1
-
MY
MX
MV
ML
RGB
-
-
-
-
0
↑
1
-
0
0
1
1
0
1
1
1
(37h) Scroll start address of RAM
1
↑
1
-
-
-
-
-
-
-
-
-
SSA = 0, 1, 2, …, 131
VSCSAD 10.1.30
1
↑
1
-
SSA7 SSA6 SSA5 SSA4 SSA3 SSA2 SSA1 SSA0
IDMOFF 10.1.31
0
↑
1
-
0
0
1
1
1
0
0
0
(38h) Idle mode off
IDMON
10.1.32
0
↑
1
-
0
0
1
1
1
0
0
1
(39h) Idle mode on
0
↑
1
-
0
0
1
1
1
0
1
0
(3Ah) Interface pixel format
COLMOD 10.1.33
1
↑
1
-
VIPF3VIPF2VIPF1VIPF0
-
IFPF2IFPF1 IFPF0
Interface format
0
↑
1
-
1
1
0
1
1
0
1
0
(DAh) Read ID1
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
RDID1
10.1.34
1
1
↑
-
ID17 ID16 ID15 ID14 ID13 ID12 ID11
ID10
Read parameter
0
↑
1
-
1
1
0
1
1
0
1
1
(DBh) Read ID2
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
RDID2
10.1.35
1
1
↑
-
1
ID26 ID25 ID24 ID23 ID22 ID21
ID20
Read parameter
0
↑
1
-
1
1
0
1
1
1
0
0
(DCh) Read ID3
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
RDID3
10.1.36
1
1
↑
-
ID37 ID36 ID35 ID34 ID33 ID32 ID31
ID30
Read parameter
“-“: Don’t care
Note 1: After the H/W reset by RESX pin or S/W reset by SWRESET command, each internal register becomes default state (Refer
“RESET TABLE” section)
Note 2: Undefined commands are treated as NOP (00 h) command.
Note 3: B0 to D9 and DA to F are for factory use of driver supplier.
Note 4: Commands 10h, 12h, 13h, 20h, 21h, 26h, 28h, 29h, 30h, 33h, 36h (ML parameter only), 37h, 38h and 39h are updated during
V-sync when Module is in Sleep Out Mode to avoid abnormal visual effects. During Sleep In mode, these commands are updated
immediately. Read status (09h), Read Display Power Mode (0Ah), Read Display MADCTL (0Bh), Read Display Pixel Format (0Ch),
Read Display Image Mode (0Dh), Read Display Signal Mode (0Eh) and Read Display Self Diagnostic Result (0Fh) of these
commands are updated immediately both in Sleep In mode and Sleep Out mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com