Electronic Components Datasheet Search
  English  ▼

X  

ST7732 Datasheet(PDF) 112 Page - Sitronix Technology Co., Ltd.

Part # ST7732
Description  262K Color Single-Chip TFT Controller/Driver
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7732 Datasheet(HTML) 112 Page - Sitronix Technology Co., Ltd.

Back Button ST7732 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 110Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 168 page
background image
ST7732
Ver 1.5.2
2007-12
112
10.1.5 RDDPM (0Ah): Read Display Power Mode
0AH
RDDPM (Read Display Power Mode)
Inst / Para
D/CX
WRX RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RDDPM
0
↑
1
-
0
0
0
0
1
0
1
0
(0Ah)
1
st Parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2
nd Parameter
1
1
↑
BSTON IDMON PTLON SLPOUT NORON DISON
D1
D0
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
This command indicates the current status of the display as described in the table below:
Bit
Description
Value
BSTON
Booster Voltage Status
‘1’ =Booster on,
‘0’ =Booster off
IDMON
Idle Mode On/Off
‘1’ = Idle Mode On,
‘0’ = Idle Mode Off
PTLON
Partial Mode On/Off
‘1’ = Partial Mode On,
‘0’ = Partial Mode Off
SLPON
Sleep In/Out
‘1’ = Sleep Out,
‘0’ = Sleep In
NORON
Display Normal Mode
On/Off
‘1’ = Normal Display,
‘0’ = Partial Display
DISON
Display On/Off
‘1’ = Display On,
‘0’ = Display Off
D1
Not Used
‘0’
D0
Not Used
‘0’
Default
Status
Default Value (D7 to D0)
Power On Sequence
0000_1000(08h)
S/W Reset
0000_1000(08h)
H/W Reset
0000_1000(08h)
10.1.6 RDDMADCTL (0Bh): Read Display MADCTL
0BH
RDDMADCTL (Read Display MADCTL)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RDDMADCTL
0
↑
1
-
0
0
0
0
1
0
1
1
(0Bh)
1
st Parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2
nd Parameter
1
1
↑
MY
MX
MV
ML
RGB
-
D1
D0
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
This command indicates the current status of the display as described in the table below:
Bit
Description
Value
MX
Row Address Order
‘1’ = Bottom to Top (When MADCTL B7=’1’)
‘0’ = Top to Bottom (When MADCTL B7=’0’)
MY
Column Address Order
‘1’ = Right to Left (When MADCTL B6=’1’)
‘0’ = Left to Right (When MADCTL B6=’0’)
MV
Row/Column Order (MV)
‘1’ = Row/column exchange (MV=1)
‘0’ = Normal (MV=0)
ML
Vertical Refresh Order
‘1’ =LCD Refresh Bottom to Top
‘0’ =LCD Refresh Top to Bottom
RGB
RGB/BGR Order
‘1’ =BGR, “0”=RGB
D1
Not Used
‘0’
D0
Not Used
‘0’
Default
Status
Default Value (D7 to D0)
Power On Sequence
0000_0000 (00h)
S/W Reset
No change
H/W Reset
0000_0000 (00h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com