Electronic Components Datasheet Search
  English  ▼

X  

MAX1978 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX1978
Description  Integrated Temperature Controllers for Peltier Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1978 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX1978 Datasheet HTML 10Page - Maxim Integrated Products MAX1978 Datasheet HTML 11Page - Maxim Integrated Products MAX1978 Datasheet HTML 12Page - Maxim Integrated Products MAX1978 Datasheet HTML 13Page - Maxim Integrated Products MAX1978 Datasheet HTML 14Page - Maxim Integrated Products MAX1978 Datasheet HTML 15Page - Maxim Integrated Products MAX1978 Datasheet HTML 16Page - Maxim Integrated Products MAX1978 Datasheet HTML 17Page - Maxim Integrated Products MAX1978 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Buffered Outputs, BFB+ and BFB-
BFB+ and BFB- output a buffered version of the voltage
that appears on FB+ and FB-, respectively. The buffers
are typically used in conjunction with the undedicated
chopper amplifier to create a monitor for the thermistor
voltage/TEC temperature (Figures 1 and 2). These
buffers are unity-gain chopper amplifiers and exhibit
output ripple. Each output can be either integrated or
filtered to remove the ripple content if necessary.
Undedicated Chopper-Stabilized Amplifier
In addition to the chopper amplifiers at DIFOUT and
BFB_, the MAX1978/MAX1979 include an additional
chopper amplifier at AOUT. This amplifier is uncommit-
ted but is intended to provide a temperature-propor-
tional analog output. The thermistor voltage typically is
connected to the undedicated chopper amplifier
through the included buffers BFB+ and BFB-. Figure 3
shows how to configure the undedicated amplifier as a
thermistor voltage monitor. The output voltage at AOUT
is not precisely linear, because the thermistor is not lin-
ear. AOUT is also chopper stabilized and exhibits out-
put ripple and can be either integrated or filtered to
remove the ripple content if necessary.
Integrated Temperature
Controllers for Peltier Modules
14
______________________________________________________________________________________
TEC
MAX1979
10
µF
10
µF
10
µF
1
µF
0.01
µF
VDD
VDD
SHDN
PVDD1PVDD2
REF
REF MAXV MAXIN MAXIP
UNDERTEMP
ALARM
COMP
OVERTEMP
ALARM
DC CURRENT
MONITOR
REF
ITEC
BFB-
AIN-
AIN+
CTLI
FREQ
GND
PGND2
PGND1
INTOUT
INT-
DIFOUT
FB-
FB+
OS2
OS1
CS
LX2
LX1
AOUT
20k
Ω
1%
69.8k
Ω
1%
105k
Ω
1%
1
µF
THERMISTOR
VOLTAGE
MONITOR
80.6k
Ω
100k
Ω
100k
Ω
0.03
Ω
10k
Ω
3
µH
4.7
µF
1
µF
20k
Ω
1M
Ω
10
µF
0.047
µF
0.47
µF
REF
THERMAL
FEEDBACK
UT
OT
Figure 2. MAX1979 Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com