Electronic Components Datasheet Search
  English  ▼

X  

MAX1978 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1978
Description  Integrated Temperature Controllers for Peltier Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1978 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1978 Datasheet HTML 12Page - Maxim Integrated Products MAX1978 Datasheet HTML 13Page - Maxim Integrated Products MAX1978 Datasheet HTML 14Page - Maxim Integrated Products MAX1978 Datasheet HTML 15Page - Maxim Integrated Products MAX1978 Datasheet HTML 16Page - Maxim Integrated Products MAX1978 Datasheet HTML 17Page - Maxim Integrated Products MAX1978 Datasheet HTML 18Page - Maxim Integrated Products MAX1978 Datasheet HTML 19Page - Maxim Integrated Products MAX1978 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
where:
A = The gain needed to move the 0dB crossover point
up to the desired frequency. In this case, A = -4dB =
0.6.
fC = The desired crossover frequency, 1.5Hz in this
example.
C1 is found to be 0.58µF; use 0.47µF.
Next, the second TEC pole must be cancelled by
adding a zero. Canceling the second TEC pole pro-
vides maximum phase margin by adding positive
phase to the circuit. Setting a second zero (fz2) to at
least 1/5 the crossover frequency (1.5Hz/5 = 0.3Hz),
and a pole (fp1) to 5 times the crossover frequency or
higher (5
× 1.5Hz = 7.5Hz) ensures good phase margin,
while allowing for variation in the location of the TEC’s
second pole. Set the zero fz2 to 0.3Hz and calculate R2:
where fz2 is the second zero.
R2 is calculated to be 1.1M
Ω; use 1MΩ.
Now pole fp1 is added at least 5 times the crossover
frequency to terminate zero fz2.
Choose fp1 = 15Hz, find R1 using the following equation:
Resistor R1 is found to be 22k
Ω, use 20kΩ
The final step is to terminate the first zero by setting the
rolloff frequency with a second pole, fp2. A good
choice is 2 times fp1.
Choose fp2 = 30Hz, find C3 using the following equation:
where C3 is found to be 0.05µF, use 0.047µF.
Figure 7 displays the compensated gain and phase
plots for the above example.
The example given is a good place to start when com-
pensating the thermal loop. Different TEC modules
require individual testing to find their optimal compen-
sation scheme. Other compensation schemes can be
used. The above procedure should provide good
results for the majority of optical modules.
fp
CR
2
1
23
3
=
××
π
fp
CR
1
1
21
1
=
××
π
fz
CR
2
1
21
2
=
××
π
Integrated Temperature
Controllers for Peltier Modules
18
______________________________________________________________________________________
TEC GAIN AND PHASE
FREQUENCY (Hz)
10
1
0.1
0.01
-70
-60
-50
-40
-30
-20
-10
0
10
20
-135
-90
-45
0
45
30
40
-80
90
-180
0.001
100
Figure 6. Bode Plot of a Generic TEC Module
COMPENSATED
TEC GAIN AND PHASE
FREQUENCY (Hz)
10
1
0.1
0.01
-30
-20
-10
0
10
20
30
40
50
60
-135
-90
-45
0
45
70
80
-80
-40
-50
-60
-70
90
-180
0.001
100
Figure 7. Compensated Thermal-Control Loop Using the TEC
Module in Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com