Electronic Components Datasheet Search
  English  ▼

X  

MAX1978 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1978
Description  Integrated Temperature Controllers for Peltier Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1978 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1978 Datasheet HTML 1Page - Maxim Integrated Products MAX1978 Datasheet HTML 2Page - Maxim Integrated Products MAX1978 Datasheet HTML 3Page - Maxim Integrated Products MAX1978 Datasheet HTML 4Page - Maxim Integrated Products MAX1978 Datasheet HTML 5Page - Maxim Integrated Products MAX1978 Datasheet HTML 6Page - Maxim Integrated Products MAX1978 Datasheet HTML 7Page - Maxim Integrated Products MAX1978 Datasheet HTML 8Page - Maxim Integrated Products MAX1978 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Integrated Temperature
Controllers for Peltier Modules
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = PVDD1 = PVDD2 = VSHDN = 5V, FREQ = GND, CTLI = FB+ = FB- = MAXV = MAXIP = MAXIN = REF, TA = 0°C to +85°C,
unless otherwise noted. Typical values at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
SHDN, MAXV, MAXIP, MAXIN,
CTLI, OT, UT to GND............................................-0.3V to +6V
FREQ, COMP, OS1, OS2, CS, REF, ITEC, AIN+, AIN-,
AOUT, INT-, INTOUT, BFB+, BFB-, FB+, FB-,
DIFOUT to GND......................................-0.3V to (VDD + 0.3V)
PVDD1, PVDD2 to VDD ...........................................-0.3V to +0.3V
PVDD1, PVDD2 to GND...............................-0.3V to (VDD + 0.3V)
PGND1, PGND2 to GND .......................................-0.3V to +0.3V
COMP, REF, ITEC, OT, UT, INTOUT, DIFOUT,
BFB-, BFB+, AOUT Short to GND .............................Indefinite
Peak LX Current (MAX1978) (Note 1).................................±4.5A
Peak LX Current (MAX1979) (Note 1)....................................+9A
Continuous Power Dissipation (TA = +70°C)
48-Lead Thin QFN-EP
(derate 26.3mW/°C above +70°C) (Note 2) .................2.105W
Operating Temperature Ranges
MAX1978ETM ..................................................-40°C to +85°C
MAX1979ETM ..................................................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply Range
VDD
3.0
5.5
V
VDD = 5V, ITEC = 0 to ±3A,
VOUT = VOS1 - VOS2 (MAX1978)
-4.3
+4.3
VDD = 5V, ITEC = 0 to 6A,
VOUT = VOS1 (MAX1979)
4.3
VDD = 3V, ITEC = 0 to ±3A,
VOUT = VOS1 - VOS2 (MAX1978)
-2.3
+2.3
Output Voltage Range
VOUT
VDD = 3V, ITEC = 0 to 6A,
VOUT = VOS1 (MAX1979)
2.3
V
MAX1978
±3
Maximum TEC Current
ITEC(MAX)
MAX1979
6
A
Reference Voltage
VREF
VDD = 3V to 5.5V, IREF = 150µA
1.485
1.500
1.515
V
Reference Load Regulation
∆VREF
VDD = 3V to 5.5V, IREF = +10µA to -1mA
1.2
5
mV
VMAXI_ = VREF
135
150
160
VOS1 < VCS
VMAXI_ = VREF/3
40
50
60
VMAXI_ = VREF
135
150
160
Current-Sense Threshold
VOS1 > VCS
VMAXI_ = VREF/3
40
50
60
mV
VDD = 5V, I = 0.5A
0.04
0.07
NFET On-Resistance
RDS(ON-N)
VDD = 3V, I = 0.5A
0.06
0.08
Ω
VDD = 5V, I = 0.5A
0.06
0.10
PFET On-Resistance
RDS(ON-P)
VDD = 3V, I = 0.5A
0.09
0.12
Ω
VLX = VDD = 5V, TA = +25
°C
0.02
10
NFET Leakage
ILEAK(N)
VLX = VDD = 5V, TA = +85
°C1
µA
Note 1: LX has internal clamp diodes to PGND and PVDD. Applications that forward bias these diodes should not exceed the IC’s
package power dissipation limits.
Note 2: Solder underside metal slug to PCB ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com