Electronic Components Datasheet Search
  English  ▼

X  

MAX1978 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1978
Description  Integrated Temperature Controllers for Peltier Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1978 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1978 Datasheet HTML 1Page - Maxim Integrated Products MAX1978 Datasheet HTML 2Page - Maxim Integrated Products MAX1978 Datasheet HTML 3Page - Maxim Integrated Products MAX1978 Datasheet HTML 4Page - Maxim Integrated Products MAX1978 Datasheet HTML 5Page - Maxim Integrated Products MAX1978 Datasheet HTML 6Page - Maxim Integrated Products MAX1978 Datasheet HTML 7Page - Maxim Integrated Products MAX1978 Datasheet HTML 8Page - Maxim Integrated Products MAX1978 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Integrated Temperature
Controllers for Peltier Modules
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = PVDD1 = PVDD2 = VSHDN = 5V, FREQ = GND, CTLI = FB+ = FB- = MAXV = MAXIP = MAXIN = REF, TA = 0°C to +85°C,
unless otherwise noted. Typical values at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Integrator Amp Open-Loop Gain
AOL-INT
RLOAD = 10k
Ω to REF
120
dB
Integrator Amp CMRR
CMRRINT
100
dB
Integrator Amp Input Bias Current
IINT-BIAS
VDD = 3V to 5.5V
1
nA
Integrator Amp Voltage Offset
VINT-OS
VDD = 3V to 5.5V
-3
+0.1
+3
mV
Integrator Amp Gain Bandwidth
GBWINT
100
kHz
Undedicated Chopper Amp
Open-Loop Gain
AOL-AIN
RLOAD = 10k
Ω to REF
120
dB
Undedicated Chopper Amp
CMRR
CMRRAIN
85
dB
Undedicated Chopper Amp Input
Bias Current
IAIN-BIAS
VDD = 3V to 5.5V
-10
0
+10
nA
Undedicated Chopper Amp
Offset Voltage
VAIN-OS
VDD = 3V to 5.5V
-200
+10
+200
µV
Undedicated Chopper Amp Gain
Bandwidth
GBWAIN
100
kHz
Undedicated Chopper Amp
Output Ripple
VRIPPLE
A = 5
20
mV
BFB_ Buffer Error
CLOAD < 100pF
-200
0
+200
µV
UT and OT Leakage Current
ILEAK
V UT = V OT = 5.5V
1
µA
UT and OT Output Low Voltage
VOL
Sinking 4mA
50
150
mV
UT Trip Threshold
FB+ - FB- (see Typical Application Circuit)
-20
mV
OT Trip Threshold
FB+ - FB- (see Typical Application Circuit)20
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com