Electronic Components Datasheet Search
  English  ▼

X  

ACE4054 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE4054
Description  Fully integrated constant current/constant voltage Li-ion battery charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE4054 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
 
                                                                                                                    
ACE4054
                        Technology
Fully integrated constant current/constant voltage
Li-ion battery charger
VER 1.2
2
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
VCC
-0.3 ~6.5
V
PROG
-0.3 ~ VCC+0.3 V
BAT
-0.3 ~ 5
V
CHRG
-0.3 ~ 6.5
V
BAT Short-Circuit Duration
Continuous
 
PROG Pin Current
600
μA
Maximum Junction Temperature
125
Operating Ambient Temperature Range
-40 ~ 85
Storage Temperature Range
-40 ~ 125
Packaging Type
SOT-23-5
5
4
1
2
3
Pin Description
CHRG (Pin 1):Open-Drain Charge Status Output. The CHRG pin outputs low when the battery is
charging.Upon the completion of the charge cycle, a weak pull-down current to the pin
indicates an“AC present” condition. When the ACE4054 detects an under voltage lockout
condition, CHRG is forced high impedance.
GAN (Pin 2):Ground.
BAT (Pin 3):Charge Current Output. This pin provides charge current to the battery and regulates the final
float voltage to 4.2V which is set by an internal precision resistor divider.
VCC (Pin 4):Positive Input Supply. Needs to be bypassed with at least a 1μF capacitor. When input
voltage drops to within 30mV of the BAT pin voltage, the ACE4054 switches to shutdown
mode.
PROG (Pin 5):Program, Monitor the charge current and Shutdown. This pin set to 1V in constant-current
mode. The charge current is programmed by connecting a 1% resistor, RPROG, to GND
pin. The charge current can be calculated using the following formula:
I BAT = ( VPROG / RPROG) · 1000
The PROG pin can also be used to switch the charger to shutdown mode by disconnecting the program
resistor from ground. This results in a 3μA current to pull the PROG pin to a high level shutdown threshold
voltage, thus stop the charging and reduce the supply current to 25μA. This pin is also clamped to
approximately 2.4V. A higher voltage beyond this value will draw currents as high as 1.5mA. Device
normal operation can be resumed by reconnecting the RPROG resistor to ground.
Pin
SOT-23-5
CHRG
1
GND
2
BAT
3
VCC
4
PROG
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com