Electronic Components Datasheet Search
  English  ▼

X  

ACE4054 Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE4054
Description  Fully integrated constant current/constant voltage Li-ion battery charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054 Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE4054 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
 
                                                                                                                    
ACE4054
                        Technology
Fully integrated constant current/constant voltage
Li-ion battery charger
VER 1.2
10
Automatic Recharge
After the termination of the charge cycle, the ACE4054 constantly monitors the BAT pin voltage and
starts a new charge cycle when the battery voltage falls below 4.05V, keeping the battery at fully charged
condition. CHRG output enters a strong pull-down state during recharge cycles.
Figure 1. Charge Cycle Diagram
Applications information
Stability Considerations
When a battery is connected to the output, the constant-voltage mode feedback is always stable.
However, in the case of absence of battery, an output capacitor is recommended to reduce ripple voltage.
In the case of high value capacitance or low ESR ceramic capacitors, a small value series resistor (~1Ω)
is recommended. No series resistor is needed if tantalum capacitors are used.
In constant-current mode, the PROG pin is in the feedback loop, thus its impedance affects the stability.
The maximum allowed value of the program resistor is 20K, and additional capacitance reduces this value.
The pole frequency at the PROG pin needs to be kept above 100kHz to maintain device stability.
Therefore, the maximum resistance value can be calculated from the following equation, CPROG is the
capacitance loaded to the PROG pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com