Electronic Components Datasheet Search
  English  ▼

X  

ACE4054 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE4054
Description  Fully integrated constant current/constant voltage Li-ion battery charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE4054 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
 
                                                                                                                    
ACE4054
                        Technology
Fully integrated constant current/constant voltage
Li-ion battery charger
VER 1.2
4
Electrical Characteristics
VCC=5V,TA=25℃, RPROG=10K, unless otherwise note.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supply Voltage
VCC
4.25
6.0
V
Charge Mode(Note 2)
300
2000
μA
Standby Mode (Charge
Terminated)
200
500
μA
Input Supply Current
ICC
Shutdown Mode (RPROG Not
Connected, VCC<VBAT, or
VCC<VULO)
25
50
μA
Regulated Output
(Float) Voltage
VFLOAT
IBAT=40mA
4.158
4.2
4.242
V
Current Mode
93
100
107
mA
RPROG=2K, Current Mode
465
500
535
mA
Standby Mode, VBAT=4.2V
0
-2.5
-6
μA
Shutdown Mode (RPROG Not
Connected)
1
5
μA
BAT Pin Current
IBAT
Sleep Mode, VCC=0V
1
5
μA
Trickle Charge
Current
ITRIKL
VBAT<VTRIKL, RPROG=2K
20
45
70
mA
Trickle Charge
Threshold Voltage
VTRIKL
VBAT Rising
2.8
2.9
3
V
Trickle Charge
Hysteresis Voltage
VTRHYS
60
80
110
mV
VCC Undervoltage
Lockout Threshold
VUV
From VCC Low to High
3.7
3.8
3.92
V
VCC Undervoltage
Lockout Hysteresis
VUVHYS
150
200
300
mV
PROG Pin Rising
1.15
1.21
300
V
Manual Shutdown
Threshold Voltage
VMSD
PROG Pin Falling
0.9
1
1.1
V
VCC from Low to High
70
100
140
mV
VCC-VBAT Lockout
Threshold Voltage
VASD
VCC from High to Low
5
30
50
mV
C/10 Termination
Current Threshold
ITERM
Note 2
0.085
0.1
0.115
mA/
mA
PROG Pin Voltage
VPROG
Current Mode, VBAT=4V
0.93
1
1.07
V
CHRG Pin Weak
Pull-Down Current
ICHRG
VCHRG=5V
8
20
35
μA
CHRG Pin Output
Low Voltage
VCHRG
ICHRG=5mA
0.35
0.6
V
Recharge BAT
Threshold Voltge
VRECHRG
VFLOAT-VRECHRG
100
150
200
mV
Junction Temperature
TLIM
120
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com