Electronic Components Datasheet Search
  English  ▼

X  

ACE4054 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4054
Description  Fully integrated constant current/constant voltage Li-ion battery charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4054 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
 
                                                                                                                    
ACE4054
                        Technology
Fully integrated constant current/constant voltage
Li-ion battery charger
VER 1.2
1 
Description
The ACE4054 is a single cell, fully integrated constant current (CC) / constant voltage (CV) Li-ion battery
charger. Its compact package with minimum external components requirement makes the ACE4054 ideal
for portable applications.
No external sense resistor or blocking diode is necessary for the ACE4054. Build-in thermal feedback
mechanism regulates the charge current to control the die temperature during high power operation or at
elevated ambient temperature.
The ACE4054 has a pre-charge function for trickle charging deeply discharged batteries. The fast
charge current can be programmed by an external resistor. CV regulation mode is automatically enabled
once the battery’s charging curve reaches the constant voltage portion. The output current then decays
and is finally terminated once the charge current drops to 1/10th of the programmed value. The ACE4054
keeps monitoring the battery voltage and enables a new charge cycle once the voltage drops by 150mV
below the CV value.
Power supply state is constantly monitored and the battery drain current is reduced to minimum value
automatically when the ACE4054 sensed a lack of input power. In its shutdown mode, the ACE4054 can
reduce the supply current to less than 25μA. A status pin outputs a logic HIGH/LOW to indicate the
charging status and the presence of power supply.
Other features include charge current monitor, under-voltage lockout.
Features
• Standalone Capability with no Requirement of External MOSFET, Sense Resistor or Blocking Diode
• Complete Linear Charger in Compact Package for Single Cell Lithium-Ion Batteries
• Programmable Pre-charge, Fast Charge and Termination Current
• Constant-Current/Constant-Voltage Operation with Thermal Regulation to Maximize Charge Rate
Without Risk of Overheating
• Charges Single Cell Li-Ion Batteries Directly from USB Port
• Preset 4.2V Charge Voltage with ±1% Accuracy
• Automatic Recharge
• Charge Status Output Pin
• C/10 Charge Termination
• 25μA Supply Current in Shutdown
• 2.9V Trickle Charge Threshold
• Soft-Start Limits Inrush Current
• Available in SOT-23-5 Package
Application
• Cellular Telephones,PDAs,MP3 Players
• Charging Docks and Cradles
• Bluetooth Applications


Similar Part No. - ACE4054

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4054 ACE-ACE4054 Datasheet
1,000Kb / 18P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
ACE4054BN+H ACE-ACE4054BN+H Datasheet
1,000Kb / 18P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
ACE4054C ACE-ACE4054C Datasheet
1Mb / 15P
500mA/1.5A Standalone Linear Li-Ion Battery Charge
VER 1.2
ACE4054IM+H ACE-ACE4054IM+H Datasheet
1,000Kb / 18P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
ACE4054 ACE-ACE4054_12 Datasheet
1,000Kb / 18P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
More results

Similar Description - ACE4054

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1510 LINER-LT1510 Datasheet
339Kb / 16P
Constant-Voltage/ Constant-Current Battery Charger
logo
Torex Semiconductor
XC6802 TOREX-XC6802 Datasheet
356Kb / 18P
1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801 TOREX-XC6801 Datasheet
397Kb / 18P
1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
logo
ACE Technology Co., LTD...
ACE4054 ACE-ACE4054_12 Datasheet
1,000Kb / 18P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
logo
Torex Semiconductor
XC6801 TOREX-XC6801_12 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
Constant Voltage/Constant Current Battery Charger
logo
Linear Technology
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
Constant-Voltage/ Constant-Current Battery Charger
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
Constant-Voltage/ Constant-Current Battery Charger
logo
ON Semiconductor
NCP1854 ONSEMI-NCP1854 Datasheet
622Kb / 27P
Fully Integrated Li-Ion Switching Battery Charger
September, 2014 ??Rev. 4
NCP1855 ONSEMI-NCP1855 Datasheet
341Kb / 26P
Fully Integrated Li-Ion Switching Battery Charger
August, 2014 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com