Electronic Components Datasheet Search
  English  ▼

X  

ACE4054 Datasheet(PDF) 11 Page - ACE Technology Co., LTD.

Part # ACE4054
Description  Fully integrated constant current/constant voltage Li-ion battery charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054 Datasheet(HTML) 11 Page - ACE Technology Co., LTD.

Back Button ACE4054 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE4054 Datasheet HTML 15Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
 
                                                                                                                    
ACE4054
                        Technology
Fully integrated constant current/constant voltage
Li-ion battery charger
VER 1.2
11
Average rather than instantaneous charge current is more of a concern. A simple low pass filter can be
used on the PROG pin to measure the average battery current as shown in Figure 2. A 10K resistor has
been added between the PROG pin and the filter capacitor to ensure stability.
Figure 2. Isolating Capacitive Load PROG Pin and Filtering
Power Dissipation
The power dissipated in the IC causes the rise of die temperature. Most of the power dissipation is
caused by the internal power MOSFET, and can be calculated by the following equation:
PD= (VCC – VBAT) · IBAT
Where PD is the power dissipated, VCC is the input supply voltage, VBAT is the battery voltage and
IBAT is the charge current. The approximate ambient temperature at which the thermal feedback begins
to protect the IC is:
TA = 120℃ - PDθJA
TA = 120℃ - (VCC – VBAT) · IBAT · θJA
Example: An ACE4054 operating from a 5V USB supply is programmed to supply 400mA full-scale
current to a discharged Li-Ion battery with a voltage of 3.75V. Assuming ΘJA is 150℃ / W (see Board
Layout Considerations), the ambient temperature at which the ACE4054 will begin to reduce the charge
current is approximately:
TA = 120℃ - (5V – 3.75V) · (400mA) · 150℃ / W
TA = 120℃ -0.5W · 150℃ / W = 120℃ - 75℃
TA = 45℃
The ACE4054 can be used above 45℃ ambient, but the charge current will be reduced from 400mA.
The approximate current at a given ambient temperature can be approximated by:
Using the previous example with an ambient temperature of 60℃, the charge current will be reduced to
approximately:
Moreover, when thermal feedback reduces the charge current, the voltage at the PROG pin is also
reduced proportionally as discussed in the operation section.
ACE4054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com