Electronic Components Datasheet Search
  English  ▼

X  

ACE5372 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE5372 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
 
                                                                                                                  
ACE5372
                        Technology
Low Power Real-Time Clock (RTC)
VER 1.2
4
Functional Descriptions
Allocation of Internal Addresses
Internal
Address
Contents
Function
0H
Second Counter
Counting and storing seconds in BCD codes
1H
Minute Counter
Counting and storing minutes in BCD codes
2H
Hour Counter
Counting and storing hours in BCD codes
3H
Day of the Week Counter
Counting and storing days of the week in BCD codes
4H
Day Counter
Counting and storing days in BCD codes
5H
Month Counter
Counting and storing months in BCD codes
6H
Year Counter
Counting and storing years in BCD codes
7H
Time Trimming Register
Storing adjusting parameter and external select control of crystal
oscillator
8H
Alarm_A (Minute Register)
Storing minutes in Timer A
9H
Alarm_A (Hour Register)
Storing hours in Timer A
AH
Alarm_A (Day of the Week
Register)
Storing days of the week in Timer A
BH
Alarm_B (Minute Register)
Storing minutes in Timer B
CH
Alarm_B (Hour Register)
Storing hours in Timer B
DH
Alarm_B (Day of the Week
Register)
Storing days of the week in Timer B
EH
Control Register 1
Storing ring enable, interrupt output port select, and periodic
interrupt cycle select information
FH
Control Register 2
Storing time display select, interrupt and alarm signal, oscillator
halt sensing information
Calendar Counter
The ACE5372 can exchange from year to second (lower two bits) with CPU. When the lower two bits of
the year could be divided by 4, that year is leap year. It could automatically recognize the year between
2000 and 2099 and these data are stored separately in registers from 0H to 6H.
High Precision time Trimming function
The ACE5372 has an internal oscillation circuit capacitance CGND and CVDD so that an oscillation
circuit may be configured simply by externally connecting a crystal. The ACE5372 incorporates a time
trimming circuit (at internal address 7H) that adjusts gain or loss of the clock from the CPU up to
approx.±189ppm(±194ppm when 32.000KHz crystal is used) by approximately 3ppm steps to correct
discrepancy in oscillation frequency.
*Clock display is possible at much higher precision than conventional real-time clock while using a
crystal with broader fluctuation in precision.
* Even seasonal frequency fluctuation may be corrected by adjusting seasonal clock error.
For those systems that have temperature detection precision of clock, function may be increased by
correcting clock error according to temperature fluctuations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com