Electronic Components Datasheet Search
  English  ▼

X  

ACE5372 Datasheet(PDF) 12 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 12 Page - ACE Technology Co., LTD.

Back Button ACE5372 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 15Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 16Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
 
                                                                                                                  
ACE5372
                        Technology
Low Power Real-Time Clock (RTC)
VER 1.2
12
Time Display Digit Table
24-hour time display
system
12-hour time display
system
24-hour time display
system
12-hour time display
system
00
12(AM12)
12
32(PM12)
01
01(AM1)
13
21(PM1)
02
02(AM2)
14
22(PM2)
03
03(AM3)
15
23(PM3)
04
04(AM4)
16
24(PM4)
05
05(AM5)
17
25(PM5)
06
06(AM6)
18
26(PM6)
07
07(AM7)
19
27(PM7)
08
08(AM8)
20
28(PM8)
09
09(AM9)
21
29(PM9)
10
10(AM10)
22
30(PM10)
11
11(AM11)
23
31(PM11)
Either the 12-hour or 24-hour time display system should be selected before writing time data.
ADJ
±
30 Second Adjust Bit
ADJ
Description
0
Ordinary operation
1
Second digit adjustment
* The following operations are performed by setting the second ADJ bit to 1
1) For second digits ranging from “00” to “29” seconds:Time counters smaller than seconds are reset and second digits are
set to “00”.
2) For second digits ranging from “30” to “59” seconds: Time counters smaller than seconds are reset and second digits are
set to “00”. Minute digits are incremented by 1.
* Second digits are adjusted within 122us(within 125us: when 32KHz crystal is used) from writing operation to ADJ.
The ADJ bit is for write only and allows no read operation.
XSTP
Oscillator Halt Sending Bit
XSTP
Description
Operation
0
Ordinary oscillation
1
Oscillator halt sensing
default
The XSTP bit senses the oscillator halt.
* When oscillation is halted after initial power on from 0V or drop in supply voltage the bit is set to “1” and which remains to be “1”
after it is restarted. This bit may be used to judge validity of clock and calendar count data after power on or supply voltage
drop.
* When this bit is set to “1”,
⎯XSL,F6 to F0,CT2,CT1,CT0,AALE,BALE,SL2,SL1,⎯CLEN and TEST bits are reset to
“0”.
⎯INTRA will stop output and the ⎯INTRB will output 32KHz clock pulses.
The XSTP bit is set to “0” by setting the control register 2 (address FH) during ordinary oscillation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com