Electronic Components Datasheet Search
  English  ▼

X  

ACE5372 Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE5372 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
 
                                                                                                                  
ACE5372
                        Technology
Low Power Real-Time Clock (RTC)
VER 1.2
6
Minute digit register ( at internal address 1H )
D7
D6
D5
D4
D3
D2
D1
D0
Operation
-
M40
M20
M10
M8
M4
M2
M1
Write
0
M40
M20
M10
M8
M4
M2
M1
Read
0
Undefined Undefined Undefined Undefined Undefined Undefined Undefined
Default
Hour digit register ( at internal address 2H)
D7 D6
D5
D4
D3
D2
D1
D0
Operation
-
-
H20 or P/
⎯A
H10
H8
H4
H2
H1
Write
0
0
H20 or P/
⎯A
H10
H8
H4
H2
H1
Read
0
0
Undefined
Undefined Undefined Undefined Undefined Undefined
Default
* Default means read value when XSTP bit is set to “I” by starting up from 0V, or supply voltage drop etc.
2. Day-of-the-week Counter ( at internal address 3H)
*Day-of-the-week digits are incremented by 1 when carried to 1-day digits.
*Day-of-the-week digits display (incremented in septimal notation):
(W4,W2,W1) = (0,0,0)→(0,0,1)→……→(1,1,0)→(0,0,0)
*The relation between days of the week and day-of-the-week digits is defined as:
Sunday=(0,0,0); Monday=(0,0,1); …… ; Saturday=(1,1,0)
(W4, W2, W1) should not be set to (1,1,1).
D7 D6 D5 D4 D3
D2
D1
D0
Operation
-
-
-
-
-
W4
W2
W1
Write
0
0
0
0
0
W4
W2
W1
Read
0
0
0
0
0
Undefined Undefined Undefined
Default
*The default means read value when XSTP bit is set to “1” by starting up from 0V, or supply voltage drop, etc.
3. Calendar Counter ( at internal address4-6H )
* The automatic calendar function provides the following calendar digit displays in BCD code and could recognize
the leap year.
Day digits: Range from 1 to 31 (for January, March, May, July, August, October, and December).
Range from 1 to 30 (for April, June, September, and November)
Range from 1 to 29 (for February in leap years)
Range from 1 to 28 (for February in ordinary years)
Month DIGITS:
Range from 1 to 12 and carried to year digits when cycled to 1. Carried to year digits when cycled from 12 to 1.
Year digits:
Range from 00 to 99 and 00,04,08, …….,92, and 96 are counted as leap years.
Any registered imaginary time should be replaced with correct time as carrying to such registered imaginary
time digits from lower-order ones cause the clock counter malfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com