Electronic Components Datasheet Search
  English  ▼

X  

ACE5372 Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE5372 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
 
                                                                                                                  
ACE5372
                        Technology
Low Power Real-Time Clock (RTC)
VER 1.2
10
AALE , BALE
ALARM-A, ALARM-B enable bits
AALE,BALE
Description
Operation
0
ALARM-A,ALARM-B correspondence action invalid
Default
1
ALARM-A,ALARM-B correspondence action valid
L2, SL1
Interrupt output select bits
SL2 SL1
Description
Operation
0
0
Outputs ALARM-A, ALARM-B, INT to the INTRA. Outputs 32K clock pulses to the INTRB.
Default
0
1
Outputs ALARM-A, INT to the INTRA. Outputs 32K clock pulses, ALARM-B to the INTRB.
1
0
Outputs ALARM-A, ALARM-B to the INTRA. Outputs 32K clock pulses, INT to the INTRB.
1
1
Outputs ALARM-A to the INTRA. Outputs 32K clock pulses, ALARM-B, INT to the INTRB.
By setting SL1 and SL2 bits, two alarm pulses (ALARM-A, ALARM-B), periodic interrupt output (INT),
32K clock pulses may be output to the INTRA or INTRB pins selectively.
TEST
ACE5372 Test bit
TEST
Description
Operation
0
Ordinary operation mode
Default
1
Test mode
CT2, CT1, CT0
Periodic interrupt cycle select bit
Description
CT2 CT1 CT0
Wave Form Mode
Cycle and INTRA(INTRB)Falling Timing
0
0
0
-
INTRA(INTRB)at high level
0
0
1
-
INTRA(INTRB)at low level
0
1
0
Pulse Mode
2Hz(Duty 50%)
0
1
1
Pulse Mode
1Hz(Duty 50%)
1
0
0
Level Mode
Every second(synchronized with second count up)
1
0
1
Level Mode
Every minute(00 second of every minute)
1
1
0
Level Mode
Every hour(00 minute 00 second of every hour)
1
1
1
Level Mode
Every month(the 1
st day 00 A.M. 00 minute 00 second of every month)
1) Pulse mode: Outputs 2Hz, 1Hz clock pulses. For relationships with counting up of seconds see the
diagram below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com