Electronic Components Datasheet Search
  English  ▼

X  

PCA9901DP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9901DP
Description  One wire single LED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9901DP Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9901DP Datasheet HTML 1Page - NXP Semiconductors PCA9901DP Datasheet HTML 2Page - NXP Semiconductors PCA9901DP Datasheet HTML 3Page - NXP Semiconductors PCA9901DP Datasheet HTML 4Page - NXP Semiconductors PCA9901DP Datasheet HTML 5Page - NXP Semiconductors PCA9901DP Datasheet HTML 6Page - NXP Semiconductors PCA9901DP Datasheet HTML 7Page - NXP Semiconductors PCA9901DP Datasheet HTML 8Page - NXP Semiconductors PCA9901DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
PCA9901_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 3 December 2009
4 of 27
NXP Semiconductors
PCA9901
One wire single LED driver
7.
Pinning information
7.1 Pinning
PCA9901DP
GND
VDD
LEDOUT
TEST1
n.c.
n.c.
ISET
CTRL
002aac855
1
2
3
4
6
5
8
7
PCA9901GD
Transparent top view
8
7
6
5
1
2
3
4
002aac856
CTRL
n.c.
ISET
n.c.
LEDOUT
TEST1
GND
VDD
Fig 3.
Pin configuration for TSSOP8
Fig 4.
Pin configuration for XSON8U
002aac604
PCA9901UK
Transparent top view
ball A1
index area
A2
B2
C2
GND
LEDOUT
ISET
VDD
TEST1
CTRL
A1
B1
C1
Fig 5.
Pin configuration for WLCSP6
7.2 Pin description
Table 3.
Pin description
Symbol
Pin
Type
Description
WLCSP6 TSSOP8,
XSON8U
VDD
A1
8
I
power supply
TEST1
B1
7
I
for test purposes only; must be connected to GND
CTRL
C1
5
I
digital interface
GND
A2
1
I
ground supply
LEDOUT B2
2
O
LED output (anode LED)
ISET
C2
4
I
current set resistor input; resistor to ground
n.c.
-
3, 6
-
not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com