Electronic Components Datasheet Search
  English  ▼

X  

PCA9901DP Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA9901DP
Description  One wire single LED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9901DP Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA9901DP Datasheet HTML 10Page - NXP Semiconductors PCA9901DP Datasheet HTML 11Page - NXP Semiconductors PCA9901DP Datasheet HTML 12Page - NXP Semiconductors PCA9901DP Datasheet HTML 13Page - NXP Semiconductors PCA9901DP Datasheet HTML 14Page - NXP Semiconductors PCA9901DP Datasheet HTML 15Page - NXP Semiconductors PCA9901DP Datasheet HTML 16Page - NXP Semiconductors PCA9901DP Datasheet HTML 17Page - NXP Semiconductors PCA9901DP Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
PCA9901_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 3 December 2009
14 of 27
NXP Semiconductors
PCA9901
One wire single LED driver
11. Static characteristics
Table 5.
Static characteristics
VDD = 2.7 V to 5.5 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VDD
supply voltage
2.7
3.3
5.5
V
IDD
supply current
VDD = 3.3 V; CTRL = GND;
LEDOUT = 0 mA; excludes LED
drive and current mirror currents
-
-
40
μA
IDD(sd)
shutdown mode supply current
-
0.3
0.75
μA
Ith(det)sc
short-circuit detection
threshold current
maximum current before short
detected; guaranteed by design
-
50
70
mA
ΔI
O/(IO×ΔVI)
line regulation
LEDOUT enabled
-
-
2
% / V
VPOR
power-on reset voltage
rising power supply
-
1.8
2.0
V
LEDOUT pin
Vdo
dropout voltage
when LED current dropped
10 % from the nominal current
value
ILEDOUT = 5 mA
-
-
30
mV
ILEDOUT = 10 mA
-
40
50
mV
ILEDOUT = 20 mA
-
75
110
mV
VLEDOUT
voltage on pin LEDOUT
1.2
-
3.1
V
ILEDOUT
current on pin LEDOUT
with external resistor
1
-
20
mA
without external resistor
-
5
-
mA
ΔI
O/IO
relative output current variation symmetrical (peak-to-peak);
must not offset average current
setting
-
-
5
%
ΔI
LEDOUT/ILEDOUT
relative current variation on
pin LEDOUT
current load regulation
overtemperature and LED VF
change from 1.2 V to VDD with
external resistor
−10
-
+10
%
overtemperature and LED VF
change from 1.2 V to Vdo with
external resistor
−30
-
+30
%
overtemperature and LED VF
change from 1.2 V to 3.1 V
without external resistor
−30
-
+30
%
CTRL pin
VIL
LOW-level input voltage
-
-
0.4
V
VIH
HIGH-level input voltage
1.2
-
-
V
IIH
HIGH-level input current
-
-
1
μA
ILI
input leakage current
−1
-
-
μA
Ci
input capacitance
VI = VSS or VDD
-
-
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com