Electronic Components Datasheet Search
  English  ▼

X  

PCA9901DP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9901DP
Description  One wire single LED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9901DP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9901DP Datasheet HTML 4Page - NXP Semiconductors PCA9901DP Datasheet HTML 5Page - NXP Semiconductors PCA9901DP Datasheet HTML 6Page - NXP Semiconductors PCA9901DP Datasheet HTML 7Page - NXP Semiconductors PCA9901DP Datasheet HTML 8Page - NXP Semiconductors PCA9901DP Datasheet HTML 9Page - NXP Semiconductors PCA9901DP Datasheet HTML 10Page - NXP Semiconductors PCA9901DP Datasheet HTML 11Page - NXP Semiconductors PCA9901DP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
PCA9901_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 3 December 2009
8 of 27
NXP Semiconductors
PCA9901
One wire single LED driver
8.4 Lighting training sequence
Training sequence starts after a TRAINING START command has been issued by the
host controller and ends after a TRAINING END command has been issued.
The LED ON timing is provided when CTRL is HIGH and the LED OFF timing is provided
when CTRL is LOW.
LEDOUT follows CTRL Logic state during the Training sequence: The LED is ON when
CTRL = HIGH, and the LED is OFF when CTRL = LOW.
The sequence is as follows:
Pattern 1 ON – Pattern 1 OFF – Pattern 2 ON – Pattern 2 OFF – Pattern 3 ON –
Pattern 3 OFF
A sequence composed by only 1 or 2 patterns can also be stored by issuing the
TRAINING END command after either the 1st or the 2nd pattern. Non-programmed
registers during the training sequence remain programmed with zeroes; when the state
machine encounters a Zero ON time register, it loops to the beginning of the sequence.
• LED ON timing: 1 ms step with a 12-bit resolution – Time between 1 ms and at least
255 ms.
An ON time higher than 255 ms causes the ON counter to saturate at max value
(0xFF).
• LED OFF timing: 20 ms step with a 12-bit resolution – Time between at least 20 ms
and 5.1 s.
An OFF time higher than 5.1 s causes the OFF counter to saturate at max value
(0xFF).
ON and OFF timings are stored on the 8-bit registers. The registers are reset to zeroes
when the host controller sends a TRAINING START or RESET command.
TRAINING
START
TRAINING
END
LED OFF
LED OFF
LED OFF
LED ON
LED ON
LED ON
1_ON
1_OFF
2_ON
3_ON
2_OFF
3_OFF
Pattern 1
Pattern 2
Pattern 3
sequence
LEDOUT pin follows CTRL state dring the sequence capture
002aac606
1_ON, 2_ON and 3_ON timings: between 1 ms and at least 255 ms (4096 steps).
2_OFF, 2_OFF and 3_OFF timings: between at least 20 ms and 5.1 s (4096 steps).
Fig 7.
Lighting sequence capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com