Electronic Components Datasheet Search
  English  ▼

X  

PCA9901DP Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9901DP
Description  One wire single LED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9901DP Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9901DP Datasheet HTML 9Page - NXP Semiconductors PCA9901DP Datasheet HTML 10Page - NXP Semiconductors PCA9901DP Datasheet HTML 11Page - NXP Semiconductors PCA9901DP Datasheet HTML 12Page - NXP Semiconductors PCA9901DP Datasheet HTML 13Page - NXP Semiconductors PCA9901DP Datasheet HTML 14Page - NXP Semiconductors PCA9901DP Datasheet HTML 15Page - NXP Semiconductors PCA9901DP Datasheet HTML 16Page - NXP Semiconductors PCA9901DP Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
PCA9901_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 3 December 2009
13 of 27
NXP Semiconductors
PCA9901
One wire single LED driver
9.
Application design-in information
002aac609
CTRL
ISET
LEDOUT
GND
VDD
HOST
CONTROLLER
VBAT
PCA9901
GND
Rext(1)
VDD
ILEDOUT
(1) Accuracy of the output current directly proportional to the accuracy of the external resistor.
R
ext
1.23
400
×
I
LEDOUT
-------------------------
=
Fig 10. Application diagram
10. Limiting values
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.3
+6.0
V
VI
input voltage
CTRL pin
−0.3
VDD + 0.2
V
ISET pin
−0.3
VDD + 0.2
V
II
input current
ISET
-
125
μA
IO
output current
LEDOUT
-
50
mA
ISET
-
125
μA
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
operating
−40
+85
°C
VESD
electrostatic discharge
voltage
HBM
−2000
+2000
V
MM
−200
+200
V
CDM
−500
+500
V
VESD(LEDOUT) electrostatic discharge
voltage on pin LEDOUT
HBM
[1]
−2000
+2000
V
[1]
ESD rating on that specific pin may be higher. Will be updated if needed when device available and ESD
test performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com