Electronic Components Datasheet Search
  English  ▼

X  

PCA9901DP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9901DP
Description  One wire single LED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9901DP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9901DP Datasheet HTML 5Page - NXP Semiconductors PCA9901DP Datasheet HTML 6Page - NXP Semiconductors PCA9901DP Datasheet HTML 7Page - NXP Semiconductors PCA9901DP Datasheet HTML 8Page - NXP Semiconductors PCA9901DP Datasheet HTML 9Page - NXP Semiconductors PCA9901DP Datasheet HTML 10Page - NXP Semiconductors PCA9901DP Datasheet HTML 11Page - NXP Semiconductors PCA9901DP Datasheet HTML 12Page - NXP Semiconductors PCA9901DP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
PCA9901_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 3 December 2009
9 of 27
NXP Semiconductors
PCA9901
One wire single LED driver
8.5 TRAINING START and TRAINING END commands waveforms
002aac607
TRAINING START command
1.5 ms minimum
PCA9901 leaves Shutdown mode
and is ready for capture within 1.5 ms (max).
All registers are set to zeroes.
first LED ON timing
last LED OFF timing
Training sequence
TRAINING END command
1.5 ms minimum
PCA9901 goes to Shutdown mode
Fig 8.
TRAINING START and TRAINING END commands
8.6 RUN ONCE, RUN, STOP and RESET commands waveforms
002aac608
RUN ONCE command
1.5 ms minimum
PCA9901 goes to Shutdown mode immediately
if LED is OFF (counting LED OFF time).
programmed
sequence
runs once
LEDOUT = OFF
PCA9901 goes to Shutdown mode
RUN command
1.5 ms minimum
programmed sequence
runs in loop
STOP command
PCA9901 goes to Shutdown mode
once the current LED ON time
has been performed.
or
PCA9901 leaves
Shutdown mode
LED on
RESET command
All registers set to zeroes;
PCA9901 goes to
Shutdown mode.
1.5 ms minimum
PCA9901 leaves
Shutdown mode
Fig 9.
RUN ONCE, RUN, STOP and RESET commands
8.7 Bypass mode
A Bypass mode allows the PCA9901 LEDOUT pin to be directly driven by the CTRL logic
state.
A TRAINING START command followed immediately by a TRAINING END command
enters the Bypass mode. Once the TRAINING END command has been issued, the
LEDOUT output follows the CTRL logic state (LED ON when CTRL = HIGH, LED OFF
when CTRL = 0). Sending a RESET command exits the Bypass mode.
The Bypass mode allows the microcontroller to directly control the LED and blink it or
dim it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com