Electronic Components Datasheet Search
  English  ▼

X  

AS8202NF Datasheet(PDF) 10 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 10 Page - ams AG

Back Button AS8202NF Datasheet HTML 6Page - ams AG AS8202NF Datasheet HTML 7Page - ams AG AS8202NF Datasheet HTML 8Page - ams AG AS8202NF Datasheet HTML 9Page - ams AG AS8202NF Datasheet HTML 10Page - ams AG AS8202NF Datasheet HTML 11Page - ams AG AS8202NF Datasheet HTML 12Page - ams AG AS8202NF Datasheet HTML 13Page - ams AG AS8202NF Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.austriamicrosystems.com and
TTTech Computertechnik AG
Revision 2.1
10 - 20
AS8202NF TTP-C2NF
Data Sheet - Deta iled Description
Asynchronous READYB permits the shortest possible bus cycle but eventually requires signal synchronization in the
application. Connect USE_RAM_CLK to VSS to enable this mode of operation.
Synchronous READYB uses an external clock (usually the host processor’s bus clock) for synchronization of the
signal, eliminating external synchronization logic. Connect USE_RAM_CLK to VDD and RAM_CLK_TESTSE to the
host processor's bus clock to enable this mode of operation.
Note: Due to possible metastability occurrence, it is not recommended to be used in safety critical systems.
OEB
In
1
CNI output enable, active low
READYB
out (open drain)
1
CNI ready, active low
INTB
out (open drain)
1
CNI interrupt, time signal, active low
RAM_CLK_TESTSE
in
1
HOST clock
USE_RAM_CLK
in
1
HOST clock pin enable
Table 6. Asynchronous DPRAM interface
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tc
Controller Cycle Time
25
ns
1a
Input Valid to CEB, WEB
(Setup Time)
A[11:0]
5ns
2a
D[15:0]
1b
CEB, WEB to Input Invalid
(Hold Time)
A[11:0]
3
ns
2b
D[15:0]
4
3
Input Rising to CEB, WEB
Falling
CEB, WEB, OEB
5
1
ns
4
CEB, WEB Rising to Input
Falling
CEB, WEB, OEB
5
1,2
ns
5
Write Access Time (CEB,
WEB to READYB)
min = 1 Tc, max = 4 Tc
25
100
ns
6
CEB, WEB de-asserted to
READYB de-asserted
9.4
ns
7a
Input Valid to CEB, OEB
(Setup Time)
A[11:0]
5
ns
7b
CEB, OEB to Input Invalid
(Hold Time)
A[11:0]
2
ns
8
Input Rising to CEB, OEB
Falling
CEB, WEB, OEB
5
1
ns
9
CEB, OEB Rising to Input
Falling
CEB, WEB, OEB
5
1
ns
10
Read Access Time (CEB,
OEB to READYB)
min = 1.5 Tc, max = 8 Tc
37.5
200
ns
11a
CEB, OEB asserted to
signal asserted
D[15:0]
4.0
8.4
ns
11b
CEB, OEB de-asserted to
signal de-asserted
D[15:0]
3.8
8
ns
11c
READYB
8.8
12
READYB, D skew
±2
ns
13
RAM_CLK_TESTSE
Rising to READYB Falling
USE_RAM_CLK=1
3.7
13.5
ns
Table 5. Host Interface Ports
Pin Name
Mode
Width
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com